Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C748EBDDB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P83C748EBDDB
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C748EBDDB Datasheet(HTML) 5 Page - NXP Semiconductors

  P83C748EBDDB Datasheet HTML 1Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 2Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 3Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 4Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 5Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 6Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 7Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 8Page - NXP Semiconductors P83C748EBDDB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Preliminary specification
83C748/87C748
80C51 8-bit microcontroller family
2K/64 OTP/ROM, low pin count
1999 Apr 15
5
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V1
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage
–0.5
0.2VDD–0.1
V
VIH
Input high voltage, except X1, RST
0.2VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, X1, RST
0.7VCC
VCC+0.5
V
P0.2
VIL1
Input low voltage
–0.5
0.3VCC
V
VIH2
Input high voltage
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1 and 3
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0.2
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1 and 3
IOH = –60µA
2.4
V
IOH = –25µA
0.75VCC
V
IOH = –10µA
0.9VCC
V
Port 0.0 and 0.1 – Drivers
VOL2
Output low voltage
IOL = 3mA
0.4
V
Driver, receiver combined:
(over VCC range)
C
Capacitance
10
pF
IIL
Logical 0 input current, ports 1 and 3
VIN = 0.45V
–50
µA
ITL
Logical 1 to 0 transition current, ports 1 and 33
VIN = 2V (0 to 70°C)
–650
µA
ILI
Input leakage current, port 0
0.45 < VIN < VCC
±10
µA
RRST
Internal pull-down resistor
25
175
k
CIO
Pin capacitance
Test freq = 1MHz,
Tamb = 25°C
10
pF
IPD
Power-down current4
VCC = 2 to VCC max
50
µA
VPP
VPP program voltage (for 87C748 only)
VSS = 0V
VCC = 5V±10%
Tamb = 21°C to 27°C
12.5
13.0
V
IPP
Program current (for 87C748 only)
VPP = 13.0V
50
mA
ICC
Supply current (see Figure 2)
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
2. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
10mA
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
67mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
3. Pins of ports 1 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
4. Power-down ICC is measured with all output pins disconnected; port 0 = VCC; X2, X1 n.c.; RST = VSS.
5. Active ICC is measured with all output pins disconnected; X1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC – 0.5V; X2 n.c.;
RST = port 0 = VCC. ICC will be slightly higher if a crystal oscillator is used.
6. Idle ICC is measured with all output pins disconnected; X1 driven with tCLCH, tCHCL = 5ns, VIL = VSS + 0.5V, VIH = VCC – 0.5V; X2 n.c.;
port 0 = VCC; RST = VSS.


Similar Part No. - P83C748EBDDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C748EBDDB PHILIPS-P83C748EBDDB Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
More results

Similar Description - P83C748EBDDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com