Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C750 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P87C750
Description  80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C750 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P87C750 Datasheet HTML 4Page - NXP Semiconductors P87C750 Datasheet HTML 5Page - NXP Semiconductors P87C750 Datasheet HTML 6Page - NXP Semiconductors P87C750 Datasheet HTML 7Page - NXP Semiconductors P87C750 Datasheet HTML 8Page - NXP Semiconductors P87C750 Datasheet HTML 9Page - NXP Semiconductors P87C750 Datasheet HTML 10Page - NXP Semiconductors P87C750 Datasheet HTML 11Page - NXP Semiconductors P87C750 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
83C750/87C750
80C51 8-bit microcontroller family
1K/64 OTP/ROM, low pin count
1998 May 01
8
EXPLANATION OF THE AC SYMBOLS
In defining the clock waveform, care must be taken not to exceed
the MIN or MAX limits of the AC electrical characteristics table.
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal. The
designations are:
C – Clock
D – Input data
H – Logic level high
L – Logic level low
Q – Output data
T – Time
V – Valid
X – No longer a valid logic level
Z – Float
tCHCL
tCLCL
tCLCH
tCHCX
VCC –0.5
0.45V
0.2 VCC + 0.9
0.2 VCC – 0.1
tCLCX
SU00297
Figure 2.
External Clock Drive
4
8
12
16
MAX ACTIVE ICC
5
TYP ACTIVE ICC
5
MAX IDLE ICC
6
TYP IDLE ICC
6
2
4
6
8
10
12
14
16
18
20
22
Frequency (MHz)
Frequency (MHz)
MAX ACTIVE ICC
5
TYP ACTIVE ICC
5
MAX IDLE ICC
6
TYP IDLE ICC
6
60
50
40
30
20
10
0
16
20
24
28
32
36
40
SU00313
Figure 3.
ICC vs. Frequency
Maximum ICC values taken at VCC max and worst case temperature.
Typical ICC values taken at VCC = 5.0V and 25°C.
Notes 5 and 6 refer to DC Electrical Characteristics.
ROM CODE SUBMISSION
When submitting ROM code for the 80C750, the following must be specified:
1. 1k byte user ROM data
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 03FFH
DATA
7:0
User ROM Data


Similar Part No. - P87C750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C750EBAA PHILIPS-P87C750EBAA Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
P87C750EBDDB PHILIPS-P87C750EBDDB Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
P87C750EBPN PHILIPS-P87C750EBPN Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
P87C750EFAA PHILIPS-P87C750EFAA Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
P87C750EFPN PHILIPS-P87C750EFPN Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
More results

Similar Description - P87C750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com