Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3446 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SK3446
Description  Silicon N Channel Power MOS FET Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3446 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SK3446 Datasheet HTML 2Page - Renesas Technology Corp 2SK3446 Datasheet HTML 3Page - Renesas Technology Corp 2SK3446 Datasheet HTML 4Page - Renesas Technology Corp 2SK3446 Datasheet HTML 5Page - Renesas Technology Corp 2SK3446 Datasheet HTML 6Page - Renesas Technology Corp 2SK3446 Datasheet HTML 7Page - Renesas Technology Corp 2SK3446 Datasheet HTML 8Page - Renesas Technology Corp 2SK3446 Datasheet HTML 9Page - Renesas Technology Corp 2SK3446 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK3446
Rev.6, Jan. 2003, page 7 of 10
Source to Drain Voltage
V
(V)
SDF
Reverse Drain Current vs.
Source to Drain Voltage
4
3
2
1
0
1
2
V
= 0,
−5 V
GS
5 V
Pulse Test
D = 1
0.5
0.05
0.2
0.1
0.01
1shot
pulse
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
DM
P
PW
T
D =
PW
T
θch - a(t) = γs (t) • θch - a
θch - a = 139°C/W, Ta = 25°C
Case Temperature
Tc
(
°C)
Gate to Source Voltage vs. Temperature
1.5
1.0
0.5
–25
0
25
50
75
100 125 150
0
ID = 10 mA
0.1 mA
1 mA
VDS = 10 V
Pulse Test
0.02


Similar Part No. - 2SK3446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3446TZ-E RENESAS-2SK3446TZ-E Datasheet
82Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
2SK3446 RENESAS-2SK3446_05 Datasheet
82Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
2SK3446 RENESAS-2SK3446_15 Datasheet
101Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - 2SK3446

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com