Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C552KBB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P83C552KBB
Description  Single-chip 8-bit microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C552KBB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P83C552KBB Datasheet HTML 5Page - NXP Semiconductors P83C552KBB Datasheet HTML 6Page - NXP Semiconductors P83C552KBB Datasheet HTML 7Page - NXP Semiconductors P83C552KBB Datasheet HTML 8Page - NXP Semiconductors P83C552KBB Datasheet HTML 9Page - NXP Semiconductors P83C552KBB Datasheet HTML 10Page - NXP Semiconductors P83C552KBB Datasheet HTML 11Page - NXP Semiconductors P83C552KBB Datasheet HTML 12Page - NXP Semiconductors P83C552KBB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
9
Serial Control Register (S1CON) – See Table 2
CR2
ENS1
STA
STO
SI
AA
CR1
CR0
S1CON (D8H)
Bits CR0, CR1 and CR2 determine the serial clock frequency that is generated in the master mode of operation.
Table 2. Serial Clock Rates
BIT FREQUENCY (kHz) AT fOSC
CR2
CR1
CR0
6 MHZ
12 MHz
16 MHz
24 MHz2
fOSC DIVIDED BY
0
0
0
23
47
62.5
94
256
0
0
1
27
54
71
107 1
224
0
1
0
31
63
83.3
125 1
192
0
1
1
37
75
100
150 1
160
1
0
0
6.25
12.5
17
25
960
1
0
1
50
100
133 1
200 1
120
1
1
0
100
200
267 1
400 1
60
1
1
1
0.24 < 62.5
0.49 < 62.5
0.65 < 55.6
0.98 < 50.0
96
× (256 – (reload value Timer 1))
0 < 255
0 < 254
0 < 253
0 <251
reload value Timer 1 in Mode 2.
NOTES:
1. These frequencies exceed the upper limit of 100kHz of the I2C-bus specification and cannot be used in an I2C-bus application.
2. At fOSC = 24 MHz the maximum I2C bus rate of 100kHz cannot be realized due to the fixed divider rates.
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to +6.5
V
Input, output DC current on any single I/O pin
5.0
mA
Power dissipation
(based on package heat transfer limitations, not device power consumption)
1.0
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DEVICE SPECIFICATIONS
SUPPLY VOLTAGE (V)
FREQUENCY (MHz)
TYPE
MIN
MAX
MIN
MAX
TEMPERATURE RANGE (
°C)
P83(0)C552EBx
4.5
5.5
3.5
16
0 to +70
P83(0)C552EFx
4.5
5.5
3.5
16
–40 to +85
P83(0)C552EHx
4.5
5.5
3.5
16
–40 to +125
P83(0)C552IBx
4.5
5.5
3.5
24
0 to +70
P83(0)C552IFx
4.5
5.5
3.5
24
–40 to +85


Similar Part No. - P83C552KBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C552KBB PHILIPS-P83C552KBB Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
More results

Similar Description - P83C552KBB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com