Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C528EBBB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P87C528EBBB
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBBB Datasheet(HTML) 2 Page - NXP Semiconductors

  P87C528EBBB Datasheet HTML 1Page - NXP Semiconductors P87C528EBBB Datasheet HTML 2Page - NXP Semiconductors P87C528EBBB Datasheet HTML 3Page - NXP Semiconductors P87C528EBBB Datasheet HTML 4Page - NXP Semiconductors P87C528EBBB Datasheet HTML 5Page - NXP Semiconductors P87C528EBBB Datasheet HTML 6Page - NXP Semiconductors P87C528EBBB Datasheet HTML 7Page - NXP Semiconductors P87C528EBBB Datasheet HTML 8Page - NXP Semiconductors P87C528EBBB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
2
1999 Jul 23
853-1687 22041
DESCRIPTION
The 87C528 single-chip 8-bit microcontroller is manufactured in an
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The 87C528 has the same instruction set as
the 80C51. Three versions of the derivative exist:
83C528—32k bytes ROM
83C524—16k bytes ROM
80C528—ROMless version of the 83C528
87C528—32k bytes EPROM
83C524—16k bytes EPROM
This device provides architectural enhancements that make it
applicable in a variety of applications in consumer, telecom and
general control systems, especially in those systems which need
large ROM and RAM capacity on-chip.
The 87C528 contains a 32k
× 8 EPROM and the 87C524 contains a
16k x 8 EPROM. Both devices have a 512
× 8 RAM, four 8-bit I/O
ports, two 16-bit timer/event counters (identical to the timers of the
80C51), a 16-bit timer (identical to the timer 2 of the 80C52), a
watchdog timer with a separate oscillator, a multi-source,
two-priority-level, nested interrupt structure, two serial interfaces
(UART and I2C-bus), and on-chip oscillator and timing circuits.
In addition, the 87C524/87C528 has two software selectable modes
of power reduction—idle mode and power-down mode. The idle
mode freezes the CPU while allowing the RAM, timers, serial port,
and interrupt system to continue functioning. The power-down mode
saves the RAM contents but freezes the oscillator, causing all other
chip functions to be inoperative.
FEATURES
80C51 instruction set
– 512
× 8 RAM
– Memory addressing capability
64k ROM and 64k RAM
– Three 16-bit counter/timers
– On-chip watchdog timer with oscillator
– Full duplex UART
– I2C serial interface
Power control modes:
– Idle mode
– Power-down mode
– Warm start from power-down
CMOS and TTL compatible
Extended temperature ranges
EPROM code protection
OTP package available
16 MHz speed at V
CC = 5 V
ORDERING INFORMATION
EPROM
TEMPERATURE oC RANGE
AND PACKAGE
FREQ
(MHz)
Drawing
Number
P87C528EBP N
0 to +70, Plastic Dual In-line Package
16
SOT129-1
P87C528EBA A
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
P87C528EBB B
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
P87C528EFP N
–40 to +85, Plastic Dual In-line Package
16
SOT129-1
P87C528EFB B
–40 to +85, Plastic Quad Flat Pack
16
SOT307-2
P87C524EBA A
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
P87C524EBB B
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
NOTE:
1. For ROM & ROMless devices, see data sheet P8X524/528.


Similar Part No. - P87C528EBBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C528EBBB PHILIPS-P87C528EBBB Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results

Similar Description - P87C528EBBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
logo
National Semiconductor ...
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
logo
NXP Semiconductors
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
logo
STMicroelectronics
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
NXP Semiconductors
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
NXP Semiconductors
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
   80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com