Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S87C552-4BA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # S87C552-4BA
Description  80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S87C552-4BA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button S87C552-4BA Datasheet HTML 4Page - NXP Semiconductors S87C552-4BA Datasheet HTML 5Page - NXP Semiconductors S87C552-4BA Datasheet HTML 6Page - NXP Semiconductors S87C552-4BA Datasheet HTML 7Page - NXP Semiconductors S87C552-4BA Datasheet HTML 8Page - NXP Semiconductors S87C552-4BA Datasheet HTML 9Page - NXP Semiconductors S87C552-4BA Datasheet HTML 10Page - NXP Semiconductors S87C552-4BA Datasheet HTML 11Page - NXP Semiconductors S87C552-4BA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Philips Semiconductors
Product specification
87C552
80C51 8-bit microcontroller
8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
1998 May 01
8
DC ELECTRICAL CHARACTERISTICS
VSS, AVSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IDD
Supply current operating:
See notes 1 and 2
PCA8XC552-5-16
fOSC = 16MHz
40
mA
IID
Idle mode:
See notes 1 and 3
87C552
fOSC = 16MHz
7
mA
IPD
Power-down current:
See notes 1 and 4;
2V
V
V
max
87C552
2V < VPD < VDD max
50
µA
Inputs
VIL
Input low voltage, except EA, P1.6, P1.7
–0.5
0.2VDD–0.1
V
VIL1
Input low voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA5
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VDD
VDD+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA5
0.7VDD
6.0
V
IIL
Logical 0 input current, ports 1, 2, 3, 4, except P1.6, P1.7
VIN = 0.45V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3, 4, except P1.6, P1.7
See note 6
–650
µA
±IIL1
Input leakage current, port 0, EA, STADC, EW
0.45V < VI < VDD
10
µA
±IIL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V < VI < 6V
0V < VDD < 5.5V
10
µA
±IIL3
Input leakage current, port 5
0.45V < VI < VDD
1
µA
Outputs
VOL
Output low voltage, ports 1, 2, 3, 4, except P1.6, P1.7
IOL = 1.6mA7
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN, PWM0,
PWM1
IOL = 3.2mA7
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA7
0.4
V
VOH
Output high voltage, ports 1, 2, 3, 4, except P1.6/SCL, P1.7/SDA
–IOH = 60µA
2.4
V
–IOH = 25µA
0.75VDD
V
–IOH = 10µA
0.9VDD
V
VOH1
Output high voltage (port 0 in external bus mode, ALE,
PSEN, PWM0, PWM1)8
–IOH = 400µA
2.4
V
–IOH = 150µA
0.75VDD
V
–IOH = 40µA
0.9VDD
V
VOH2
Output high voltage (RST)
–IOH = 400µA
2.4
V
–IOH = 120µA
0.8VDD
V
RRST
Internal reset pull-down resistor
50
150
k
CIO
Pin capacitance
Test freq = 1MHz,
Tamb = 25°C
10
pF
Analog Inputs
AVDD
Analog supply voltage:
87C5529
AVDD = VDD±0.2V
4.5
5.5
V
AIDD
Analog supply current: operating:
Port 5 = 0 to AVDD
1.2
mA
AIID
Idle mode:
87C552
50
µA
AIPD
Power-down mode:
2V < AVPD < AVDD max
87C552
50
µA


Similar Part No. - S87C552-4BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S87C552-4BA PHILIPS-S87C552-4BA Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
S87C552-4BA PHILIPS-S87C552-4BA Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
More results

Similar Description - S87C552-4BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C552 PHILIPS-P87C552 Datasheet
368Kb / 74P
   80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
1999 Mar 30
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
   80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
80C554 PHILIPS-80C554 Datasheet
400Kb / 76P
   80C51 8-bit microcontroller . 6 clock operation 16K/512 OTP/ROM/ROMless, 7 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, 64L LQFP
2000 Nov 10
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
logo
Microchip Technology
PIC16F716-I-P MICROCHIP-PIC16F716-I-P Datasheet
2Mb / 136P
   8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
logo
NXP Semiconductors
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
logo
Microchip Technology
PIC16F716-I MICROCHIP-PIC16F716-I Datasheet
1Mb / 136P
   8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com