Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C528EBAA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C528EBAA
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C528EBAA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C528EBAA Datasheet HTML 3Page - NXP Semiconductors P87C528EBAA Datasheet HTML 4Page - NXP Semiconductors P87C528EBAA Datasheet HTML 5Page - NXP Semiconductors P87C528EBAA Datasheet HTML 6Page - NXP Semiconductors P87C528EBAA Datasheet HTML 7Page - NXP Semiconductors P87C528EBAA Datasheet HTML 8Page - NXP Semiconductors P87C528EBAA Datasheet HTML 9Page - NXP Semiconductors P87C528EBAA Datasheet HTML 10Page - NXP Semiconductors P87C528EBAA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
7
Table 1.
8XC524/8XC528 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
DPTR:
DPH
DPL
Data pointer (2 bytes):
Data pointer high
Data pointer low
83H
82H
00H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IE*#
Interrupt enable
A8H
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
00H
BF
BE
BD
BC
BB
BA
B9
B8
IP*#
Interrupt priority
B8H
PS1
PT2
PS0
PT1
PX1
PT0
PX0
x0000000B
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
SDA
SEL
T2EX
T2
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
A15
A14
A13
A12
A11
A10
A9
A8
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TxD
RxD
FFH
PCON
Power control
87H
SMOD
GF1
GF0
PD
IDL
0xxx0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
RCAP2H#
RCAP2L#
SBUF
Capture high
Capture low
Serial data buffer
CBH
CAH
99H
00H
00H
xxxxxxxxB
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial controller
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
S1BIT#
Serial I2C data
D9H/RD
SDI
0
0
0
0
0
0
0
x0000000B
WR
SD0
X
X
X
X
X
X
X
0xxxxxxxB
S1INT#
Serial I2C interrupt
DAH
INT
X
X
X
X
X
X
X
0xxxxxxxB
DF
DE
DD
DC
DB
DA
D9
D8
S1SCS*#
Serial I2C control
D8H/RD
SDI
SCI
CLH
BB
RBF
WBF
STR
ENS
xxxx0000B
WR
SD0
SC0
CLH
X
X
X
STR
ENS
00xxxx00B
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
TCON*
Timer control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
CF
CE
CD
CC
CB
CA
C9
C8
T2CON*#
Timer 2 control
C8H
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00H
TH0
TH1
TH2#
TL0
TL1
TL2#
T3#
Timer high 0
Timer high 1
Timer high 2
Timer low 0
Timer low 1
Timer low 2
Watchdog timer
8CH
8DH
CDH
8AH
8BH
CCH
FFH
00H
00H
00H
00H
00H
00H
00H
TMOD
Timer mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
WDCON#
Watchdog control
A5H
A5H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.


Similar Part No. - P87C528EBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C528EBAAA PHILIPS-P87C528EBAAA Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results

Similar Description - P87C528EBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
logo
National Semiconductor ...
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
logo
NXP Semiconductors
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
logo
STMicroelectronics
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
NXP Semiconductors
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
NXP Semiconductors
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
   80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com