Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0570-2004-02 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0570-2004-02
Description  LINE FILTER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0570-2004-02 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0570-2004-02 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
T206
LINE FILTER INDUCTORS
MECHANICALS
Part Number
Date Code
0.198(5.00)
0.397(10.00)
Suggested PCB
Mounting Holes
0.397(10.00)
0.595(15.00)
0.05(1.1)
+/- 0.004(0.01)
0.595(15.00)
1
2
4
3
Bel
0.159(4.00)
0.028" sq.
0.70(17.65)
0.793(20.00)
0.515(13.00)
Bottom View
Dimensions are in inches(mm).
Dimension tolerance is equal to +/-
0.01(0.25)
unless otherwise stated.
12
3
4
0570-2004-01
0570-2004-02
0570-2004-03
0570-2004-04
0570-2004-05
0570-2004-06
0570-2004-07
10
20
30
50
75
100
150
2.0
1.5
1.0
0.75
0.60
0.50
0.50
93
93
93
95
87
85
88
35
70
100
200
200
210
300
% Of Initial
Inductance
At Rated
Current
Typ
Inductance
(uH) +/- 15%
Rated DC
Current
(ampheres)
Part
Number
DCR
(milliohms)
Max
ELECTRICALS @ 25o C.
SCHEMATIC
Bel offers a series of line inductors designed to assist
in eliminating or reducing noise transmission in AC
or DC circuit applications. For example, these noise
suppression chokes are superior output
inductors when used in a switch mode power supply.
Our inductors are packaged in a compact, rigid vertical
case with "set" terminal pins to simplify mounting on
computer boards in microcomputer applications.
* Excellent Linear Magnetic
Characteristics.
* Operating Temperature Range
0oC to 70oC.
* A Toroid core to maintain
reduced flux leakage.
* Excellent vibration resistance.
TM0049


Similar Part No. - 0570-2004-02

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
   Hand Insertion Tool/Hand Extraction Tool
08/26/2022
0570143000 MOLEX-0570143000 Datasheet
50Kb / 2P
   Applicator for M211A Bench Press, 22-30 AWG Wire
08/26/2022
0570173000 MOLEX-0570173000 Datasheet
25Kb / 2P
   Applicator for M211A Bench Press, 22-30 AWG Wire
08/25/2022
0570223700 MOLEX-0570223700 Datasheet
38Kb / 2P
   S-1 Applicator for Mini-Fit Plug and Receptacle Terminals, 18-24 AWG, UL1007 Wires
08/26/2022
0570223710 MOLEX-0570223710 Datasheet
38Kb / 2P
   S-1 Applicator for Mini-Fit Plug and Receptacle Terminals, 18-24 AWG, UL1015 Wires
08/25/2022
More results

Similar Description - 0570-2004-02

ManufacturerPart #DatasheetDescription
logo
RFE international
UU0913H-501Y RFE-UU0913H-501Y Datasheet
175Kb / 1P
   THRU-HOLE INDUCTORS UU Series: Common Mode Line Filter
logo
ABC Taiwan Electronics ...
UF10V2103YL ABC-UF10V2103YL Datasheet
573Kb / 5P
   LINE FILTER
logo
XFMRS Inc.
XF0103-ET24 XFMRS-XF0103-ET24 Datasheet
38Kb / 1P
   LINE FILTER
XF0053-00U7 XFMRS-XF0053-00U7 Datasheet
37Kb / 1P
   LINE FILTER
XF0083-ET20 XFMRS-XF0083-ET20 Datasheet
38Kb / 1P
   LINE FILTER
XF0203-00U3 XFMRS-XF0203-00U3 Datasheet
44Kb / 1P
   LINE FILTER
XF0203H-ET24 XFMRS-XF0203H-ET24 Datasheet
40Kb / 1P
   LINE FILTER
XF4706-00U3 XFMRS-XF4706-00U3 Datasheet
38Kb / 1P
   LINE FILTER
logo
Bourns Electronic Solut...
SRF1006-121Y BOURNS-SRF1006-121Y Datasheet
343Kb / 2P
   Line Filter
logo
XFMRS Inc.
XF0033-00U3 XFMRS-XF0033-00U3 Datasheet
89Kb / 2P
   LINE FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com