Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87C528 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 87C528
Description  80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C528 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 87C528 Datasheet HTML 7Page - NXP Semiconductors 87C528 Datasheet HTML 8Page - NXP Semiconductors 87C528 Datasheet HTML 9Page - NXP Semiconductors 87C528 Datasheet HTML 10Page - NXP Semiconductors 87C528 Datasheet HTML 11Page - NXP Semiconductors 87C528 Datasheet HTML 12Page - NXP Semiconductors 87C528 Datasheet HTML 13Page - NXP Semiconductors 87C528 Datasheet HTML 14Page - NXP Semiconductors 87C528 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Philips Semiconductors
Product specification
87C524/87C528
80C51 8-bit microcontrollers
16K/32K, 512 OTP, I2C, watchdog timer
1999 Jul 23
11
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C (VDD = 5 V ±10%), –40°C to +85°C (VDD = 5 V ±10%), VSS=0 V
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage,
except EA, P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
–0.5
–0.5
0.2VCC–0.1
0.2VCC–0.15
V
V
VIL1
Input low voltage to EA
0
°C to 70°C
–40
°C to +85°C
0
0
0.2VCC–0.3
0.2VCC–0.35
V
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA5
–0.5
0.3 V
V
VIH
Input high voltage,
except XTAL1, RST, P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
0.2VCC+0.9
0.2VCC+1.0
VCC+0.5
VCC+0.5
V
V
VIH1
Input high voltage, XTAL1, RST
0
°C to 70°C
–40
°C to +85°C
0.7VCC
0.7VCC+0.1
VCC+0.5
VCC+0.5
V
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA5
3.0
6.0
V
VOL
Output low voltage, ports 1, 2, 3, except
P1.6/SCL, P1.7/SDA1
IOL = 1.6 mA1
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN1
IOL = 3.2 mA1
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0 mA1
0.4
V
VOH
Output high voltage, ports 1, 2, 3
IOH = –60 µA
IOH = –25 µA
2.4
0.75VCC
V
V
VOH1
Output high voltage, Port 0 in external bus mode,
ALE, PSEN, RST
IOH = –800 µA
IOH = –300 µA
2.4
0.75VCC
V
V
IIL
Logical 0 input current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
VIN = 0.45 V
–50
–75
µA
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
See Note 3
–650
–750
µA
µA
IIL1
Input leakage current, port 0
VIN = VIL or VIH
±10
µA
IIL2
Input leakage current, P1.6/SCL, P1.7/SDA
0 V<Vi<6.0 V
0 V<VCC<6.0 V
±10
µA
µA
ICC
Power supply current:
See Note 4
Active mode @ 16 MHz
0oC to 70oC
–40oC to +85oC
25
35
mA
Idle mode @ 16 MHz
0oC to 70oC
–40oC to +85oC
5
6
mA
Power down mode
50
µA
RRST
Internal reset pull-down resistor
50
300
k
CIO
Pin Capacitance
10
pF
NOTES:
1. Capacitive loading on Port 0 and Port 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and ports 1 and 3. The
noise is due to external bus capacitance discharging into the port and port 2 pins when these pins make 1-to-0 transactions during bus
operations. In the worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be
desirable to qualify ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. Under steady state
(non-transient) conditions, IOL must be externally limited as follows: 10 mA per port pin, port 0 total (all bits) 26 mA, ports 1, 2, and total each
(all bits) 15 mA.
2. Capacitive loading on Ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VCC specification when the
address bits are stabilizing.
3. Pins of ports 1, 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2 V.
4. See Figures 10 through 13 for ICC test conditions.
5. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 1.5 V will be recognized as a
logic 0 while an input voltage above 3.0 V will be recognized as a logic 1.


Similar Part No. - 87C528

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C52 PHILIPS-87C52 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Intel Corporation
87C52 INTEL-87C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C52 INTEL-87C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C52 INTEL-87C52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C52 INTEL-87C52 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - 87C528

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C652 PHILIPS-87C652 Datasheet
195Kb / 24P
   80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
1999 Jul 23
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
logo
National Semiconductor ...
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
logo
NXP Semiconductors
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
logo
STMicroelectronics
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
   8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
logo
NXP Semiconductors
89C51 PHILIPS-89C51 Datasheet
212Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
NXP Semiconductors
P87C554 PHILIPS-P87C554 Datasheet
394Kb / 77P
   80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
2002 Mar 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com