Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0560-6600-01 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0560-6600-01
Description  HDSL & MDSL MAGNETICS For Conexant Bt8960 and Bt8970
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0560-6600-01 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0560-6600-01 Datasheet HTML 1Page - Bel Fuse Inc. 0560-6600-01 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HDSL & MDSL MAGNETICS
©1999 Bel Fuse Inc.
Specifications subject to change without notice. 06.99
TM9955
T510
ELECTRICAL SPECIFICATIONS at 25° C
SCHEMATICS
Optimized for use with Conexant’s Bt8960 and Bt8970
transceiver ICs
Minimum interwinding breakdown voltage of 1500 Vrms
Designed for HDSL and MDSL environments
supporting data rates from 400 Kb/s to 1168 Kb/s
Designed to support modem, router and switch
applications
For Conexant Bt8960 and Bt8970
0560-6600-01
0560-6600-02
0560-6600-03
0560-6600-04
0560-6600-21
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
e
c
n
a
t
c
u
d
n
I
%
0
1
±
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
p
y
t
B
d
e
n
i
L
:
p
i
h
C
e
d
i
S
e
n
i
L
e
d
i
S
p
i
h
C
e
d
i
S
e
n
i
L
s
m
r
V
5
8
.
1
1
0
-
0
0
6
6
-
0
6
5
0T
C
2
:
T
C
12
4
2
4
.
4
z
H
k
0
0
3
-
z
H
k
0
4
5
.
6
1
z
H
k
0
4
0
7
2
0
-
0
0
6
6
-
0
6
5
0T
C
2
:
T
C
13
4
2
4
.
4
z
H
k
0
0
2
-
z
H
k
0
4
0
2
z
H
k
6
2
0
7
3
0
-
0
0
6
6
-
0
6
5
0T
C
2
:
T
C
15
.
48
2
4
.
4
z
H
k
2
3
1
-
z
H
k
8
1
0
2
z
H
k
8
1
0
7
4
0
-
0
0
6
6
-
0
6
5
0T
C
2
:
T
C
18
.
50
14
.
25
z
H
k
0
0
1
-
z
H
k
3
1
5
.
6
1
z
H
k
3
1
0
7
1
2
-
0
0
6
6
-
0
6
5
0T
C
2
:
T
C
13
5
2
5
z
H
k
0
0
2
-
z
H
k
0
4
0
2
z
H
k
6
2
0
7
2
3
4
9
8
7
6
Line
Side
Chip
Side
9
7
1
4
2
5
Line
Side
Chip
Side


Similar Part No. - 0560-6600-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-12 BEL-0560-6600-12 Datasheet
39Kb / 2P
   HDSL & MDSL MAGNETICS For Level One
0560-6600-13 BEL-0560-6600-13 Datasheet
39Kb / 2P
   HDSL & MDSL MAGNETICS For Level One
0560-6600-15 BEL-0560-6600-15 Datasheet
39Kb / 2P
   HDSL & MDSL MAGNETICS For Level One
0560-6600-18 BEL-0560-6600-18 Datasheet
39Kb / 2P
   HDSL & MDSL MAGNETICS For Level One
0560-6600-23 BEL-0560-6600-23 Datasheet
39Kb / 2P
   HDSL & MDSL MAGNETICS For Level One
More results

Similar Description - 0560-6600-01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-12 BEL-0560-6600-12 Datasheet
39Kb / 2P
   HDSL & MDSL MAGNETICS For Level One
S560-6600-V8 BEL-S560-6600-V8 Datasheet
44Kb / 2P
   HDSL Magnetics GlobeSpan MDSL - HDSL - CAP - ILD2
S560-6600-24 BEL-S560-6600-24 Datasheet
76Kb / 2P
   HDSL Magnetics GlobeSpan MDSL/HDSL2
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com