Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0559-6200-09 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0559-6200-09
Description  ISDN S-INTERFACE TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0559-6200-09 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0559-6200-09 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
TM0048
T302
.075(19.05)
MAX
.492(12.5)
.591(15.0)
.197(5.00)
.098(2.50)
12
11
9
7
12
7
1
6
1
2
4
6
ISDN S-INTERFACE TRANSFORMERS
.500(12.7)
MAX
.075(19.05)
MAX
LEADS ARE 22 AWG
BOTTOM VIEW
SIDE VIEW
TOP VIEW
Dimensions are in inches (mm) +/-.010(.254) unless noted other-
wise.
B
A
4
9
6
7
4
9
6
7
1
12
1
12
2
PRI
SEC
PRI
SEC
SCHEMATIC
DCR
(ohms
+/-25%)
Pri
Sec
3.0
5.5
2.8
2.7
3.0
5.5
3.0
7.0
2.8
5.5
ELECTRICALS @ 25 C
Part
Number
0559-6200-06
0559-6200-07
0559-6200-08
0559-6200-09
0559-6200-10
Turns
Ratio
(Pri:Sec)
+/-2%
1:2CT
1:1
1:2
1:2.5
1:2
DC
Unbal-
anced
I
(mA MAX)
5
5
5
5
5
OCL
Primary
(mH MIN)
22
22
22
22
22
L
Sec
(uH)
15max
5max
15max
8 - 40
11max
L
(pF MAX)
60
40
60
40
50
C
(pF MAX)
80
40
80
110
110
D
Schematic
B
A
A
A
A
C W/W
3000 Vrms Isolation Voltage
MECHANICAL
.130(3.30)


Similar Part No. - 0559-6200-09

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0559-6200-00 BEL-0559-6200-00 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
0559-6200-01 BEL-0559-6200-01 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
0559-6200-02 BEL-0559-6200-02 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
0559-6200-03 BEL-0559-6200-03 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
0559-6200-04 BEL-0559-6200-04 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
More results

Similar Description - 0559-6200-09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com