Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87C055 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C055
Description  Microcontrollers for TV and video MTV
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C055 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C055 Datasheet HTML 3Page - NXP Semiconductors P87C055 Datasheet HTML 4Page - NXP Semiconductors P87C055 Datasheet HTML 5Page - NXP Semiconductors P87C055 Datasheet HTML 6Page - NXP Semiconductors P87C055 Datasheet HTML 7Page - NXP Semiconductors P87C055 Datasheet HTML 8Page - NXP Semiconductors P87C055 Datasheet HTML 9Page - NXP Semiconductors P87C055 Datasheet HTML 10Page - NXP Semiconductors P87C055 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1996 Mar 22
7
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
Notes
1. Port 0, Port 1 , and Port 3 pins that have logic 1s written to them float, and in that state can be used as
high-impedance inputs.
2. The state of the pin can always be read from the port register by the program.
3. P3.0, P3.4, and P3.7 can be externally pulled up as high as +12 V
±5%; while P3.5 and P3.6 have 10 mA drive
capability.
4. For each PWM block, a register bit (register PWMn; bit PWnE; n = 0 to 7) controls whether the corresponding pin is
controlled by the block or by Port 0; Port 0 controls the pin immediately after a reset. Regardless of how each pin is
controlled, it can be externally pulled up as high as +12 V
±5%.
5. Any of the Port 1 pins are driven LOW if the corresponding port register bit is written as a logic 0, or for P1.3 only, if
the TDAC module presents a logic 0.
HSYNC
26
Horizontal Sync: A dedicated input for a TTL-level version of the horizontal sync
pulse. The polarity of this pulse is programmable; its trailing edge is used by the OSD
facility as the reference for horizontal positioning.
VSYNC
27
Vertical Sync: A dedicated input for a TTL-level version of the vertical sync pulse. The
polarity of this pulse is programmable, and either edge can serve as the reference for
vertical timing.
VCLK1
28
VCLK1: Video Clock 1; input for the horizontal timing reference for the OSD facility.
VCLK2: Video Clock 2; output from the on-chip video oscillator. VCLK1 and VCLK2
are intended to be used with an external LC circuit to provide an on-chip oscillator. The
period of the video clock is determined such that the width of a pixel in the OSD is
equal to the inter-line separation of the raster.
VCLK2
29
BF
30
Background/Foreground: A totem-pole output which, when VCTRL is active,
indicates whether the current video data represents a Foreground (LOW) or
Background (HIGH) dot in a character. This signal can be used to reduce the intensity
of the background colour and thus emphasize the text.
XTAL1
31
XTAL1: Input to the inverting (oscillator) amplifier and clock generator circuit that
provides the timing reference for all 83C055 logic other than the OSD facility.
XTAL2: Oscillator output terminal for system clock. XTAL1 and XTAL2 can be used
with a quartz crystal or ceramic resonator to provide an on-chip oscillator. Alternatively,
XTAL1 can be connected to an external clock, and XTAL2 left unconnected.
XTAL2
32
RST
33
Reset: If this pin is HIGH for two machine cycles (24 oscillator periods) while the
oscillator is running, the MTV is reset. This pin is also used as a serial input to enter a
test or EPROM programming mode, as on the 87C751.
VDD
42
Power supply: for normal and Power-down operation.
SYMBOL
PIN
DESCRIPTION


Similar Part No. - P87C055

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P87C151SA INTEL-P87C151SA Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P87C151SB INTEL-P87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P87C251SA16 INTEL-P87C251SA16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P87C251SB16 INTEL-P87C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P87C251SP16 INTEL-P87C251SP16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - P87C055

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C053BBPNB PHILIPS-P83C053BBPNB Datasheet
1Mb / 16P
   MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
   Modular for TV, Video and Sound Signals
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
   Economy teletext and TV microcontrollers
1997 Jul 07
logo
Toshiba Semiconductor
TA8611AN TOSHIBA-TA8611AN Datasheet
462Kb / 11P
   VIDEO AND SOUND IF FOR TV SET
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
logo
TEMIC Semiconductors
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
   Video IF Amplifier for Multistandard TV and VTR
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
logo
NXP Semiconductors
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
   Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
   Sync Generator for TV Applications and Video Processing Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com