Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C748 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 83C748
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C748 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 83C748 Datasheet HTML 2Page - NXP Semiconductors 83C748 Datasheet HTML 3Page - NXP Semiconductors 83C748 Datasheet HTML 4Page - NXP Semiconductors 83C748 Datasheet HTML 5Page - NXP Semiconductors 83C748 Datasheet HTML 6Page - NXP Semiconductors 83C748 Datasheet HTML 7Page - NXP Semiconductors 83C748 Datasheet HTML 8Page - NXP Semiconductors 83C748 Datasheet HTML 9Page - NXP Semiconductors 83C748 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Preliminary specification
83C748/87C748
80C51 8-bit microcontroller family
2K/64 OTP/ROM, low pin count
1999 Apr 15
6
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V1, 2
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
Oscillator frequency:
3.5
12
MHz
3.5
16
MHz
External Clock (Figure 1)
tCHCX
High time
20
20
ns
tCLCX
Low time
20
20
ns
tCLCH
Rise time
20
20
ns
tCHCL
Fall time
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
2. Load capacitance for ports = 80pF.
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal. The
designations are:
C – Clock
D – Input data
H – Logic level high
L – Logic level low
Q – Output data
T – Time
V – Valid
X – No longer a valid logic level
Z – Float
tCHCL
tCLCL
tCLCH
tCHCX
VCC –0.5
0.45V
0.2 VCC + 0.9
0.2 VCC – 0.1
tCLCX
SU00297
Figure 1. External Clock Drive
ROM CODE SUBMISSION
When submitting ROM code for the 83C748, the following must be specified:
1. 2k byte user ROM data
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 07FFH
DATA
7:0
User ROM Data


Similar Part No. - 83C748

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C748 PHILIPS-83C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
More results

Similar Description - 83C748

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
83C751 PHILIPS-83C751 Datasheet
211Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com