Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM108 Datasheet(PDF) 11 Page - C-Media Electronics

Part # CM108
Description  USB Audio I/O Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM108 Datasheet(HTML) 11 Page - C-Media Electronics

Back Button CM108 Datasheet HTML 7Page - C-Media Electronics CM108 Datasheet HTML 8Page - C-Media Electronics CM108 Datasheet HTML 9Page - C-Media Electronics CM108 Datasheet HTML 10Page - C-Media Electronics CM108 Datasheet HTML 11Page - C-Media Electronics CM108 Datasheet HTML 12Page - C-Media Electronics CM108 Datasheet HTML 13Page - C-Media Electronics CM108 Datasheet HTML 14Page - C-Media Electronics CM108 Datasheet HTML 15Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CM108
Integration Dual DAC, Earphone Driver, ADC,
Microphone Booster, PLL, Regulator, and USB Transceiver
Date: Nov/01/2004
Version: 1.5
- 10 -
4. I²S INTERFACE
CM108 provide I
P
2
P
S interface for both playback and recording. External ADC, DAC, or DSP
can be added to provide additional function in the USB audio system. CM108 sends out the
master clock (fixed at x256), LRCK (fixed at x64), and data clock. Therefore external ADC,
DAC, or DSP should be set at slave mode for I
P
2
P
S interface. Left channel of I
P
2
P
S bus is used for
CM108 mono recording. Both I
P
2
P
S buses use 5V tolerant pad so they can be easily interfacing
with 5V or 3.3V devices. Playback data is simultaneously sent to both DAC and I
P
2
P
S bus.
Recording source (from ADC or from I
P
2
P
S bus) can be selected by ADSEL jumper pin.
LRCK
SCLK
MSB
-1
-2
+2
+1
LSB
MSB
-1
-2
+2
+1
LSB
SDATA
Left Channel
Right Channel


Similar Part No. - CM108

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1080 CML-CM1080 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1080 VCC-CM1080 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
List of Unclassifed Man...
CM1084 ETC-CM1084 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
CM1084CN220 ETC-CM1084CN220 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
CM1084CN252 ETC-CM1084CN252 Datasheet
191Kb / 7P
   5.0 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - CM108

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM106F++ CMEDIA-CM106F+ Datasheet
1Mb / 41P
   USB Audio I/O Controller
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
   High Integrated USB Audio I/O Controller
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
   Highly Integrated USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
   High Integrated USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
   High Integrated USB Audio I/O Controller
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com