Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357C-100BZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1357C-100BZC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357C-100BZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1357C-100BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1357C-100BZC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
PRELIMINARY
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. **
Page 10 of 33
.
.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
35
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1357C-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357C-100BZC CYPRESS-CY7C1357C-100BZC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BZC CYPRESS-CY7C1357C-100BZC Datasheet
795Kb / 32P
   9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
CY7C1357C-100BZC CYPRESS-CY7C1357C-100BZC Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1357C-100BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com