Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM103+ Datasheet(PDF) 4 Page - C-Media Electronics

Part # CM103+
Description  16-Bit Stereo USB Audio Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

CM103+ Datasheet(HTML) 4 Page - C-Media Electronics

  CM103+ Datasheet HTML 1Page - C-Media Electronics CM103+ Datasheet HTML 2Page - C-Media Electronics CM103+ Datasheet HTML 3Page - C-Media Electronics CM103+ Datasheet HTML 4Page - C-Media Electronics CM103+ Datasheet HTML 5Page - C-Media Electronics CM103+ Datasheet HTML 6Page - C-Media Electronics CM103+ Datasheet HTML 7Page - C-Media Electronics CM103+ Datasheet HTML 8Page - C-Media Electronics CM103+ Datasheet HTML 9Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CM103+
USB Stereo Audio Chip for Digital Speakers Application
Date: 09/25/2005
Version: 1.01
- 4 -
8.
AUDIO PERFORMANCE CURVES
22
8.1 FREQUENCY RESPONSE (10K OHM LOADING)
22
8.1.1
FREQUENCY RESPONSE @ 44.1 KS/SEC
22
8.1.2
FREQUENCY RESPONSE @ 48 KS/SEC
22
8.2 PASSBAND RIPPLE (10K OHM LOADING)
23
8.2.1
PASSBAND RIPPLE @ 44.1 KS/SEC
23
8.2.2
PASSBAND RIPPLE @ 48 KS/SEC
23
9. REFERENCE APPLICATION CIRCUIT
24
10.
REFERENCE
25


Similar Part No. - CM103+

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1034 CML-CM1034 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1034 VCC-CM1034 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1035 CML-CM1035 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM1035 VCC-CM1035 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
ITT Industries
CM103J11S105DQA ITT-CM103J11S105DQA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
More results

Similar Description - CM103+

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
NITROGEND2 CMEDIA-NITROGEND2 Datasheet
551Kb / 28P
   16-Bit Stereo USB Audio Controller
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
Generalplus Technology ...
GPCE4V000UA GENERALPLUS-GPCE4V000UA Datasheet
932Kb / 22P
   16-bit Sound Controller with USB
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
Cypress Semiconductor
SL11R CYPRESS-SL11R Datasheet
620Kb / 85P
   USB Controller/ 16-Bit RISC Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com