Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C851IBP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P80C851IBP
Description  CMOS single-chip 8-bit microcontroller with on-chip EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C851IBP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P80C851IBP Datasheet HTML 2Page - NXP Semiconductors P80C851IBP Datasheet HTML 3Page - NXP Semiconductors P80C851IBP Datasheet HTML 4Page - NXP Semiconductors P80C851IBP Datasheet HTML 5Page - NXP Semiconductors P80C851IBP Datasheet HTML 6Page - NXP Semiconductors P80C851IBP Datasheet HTML 7Page - NXP Semiconductors P80C851IBP Datasheet HTML 8Page - NXP Semiconductors P80C851IBP Datasheet HTML 9Page - NXP Semiconductors P80C851IBP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Philips Semiconductors
Product specification
80C851/83C851
CMOS single-chip 8-bit microcontroller
with on-chip EEPROM
1998 Jul 03
6
Table 1.
8XC851 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
EF
EE
ED
EC
EB
EA
E9
E8
DPTR:
DPH
DPL
Data pointer
(2 bytes):
High byte
Low byte
83H
82H
00H
00H
EADRH#
EEPROM addr
reg-high
F3H
80H
EADRL#
EEPROM addr
reg-low
F2H
00H
ECNTRL#
EEPROM control reg
F6H
IFE
EEINT
EWP
ECNTR
L3
ECNTR
L2
ECNTR
L1
ECNTR
L0
00H
EDAT#
EEPROM data
register
F4H
xxH
ETIM#
EEPROM timer
register
F5H
08H
BF
BE
BD
BC
BB
BA
B9
B8
IP*
Interrupt priority
B8H
PS
PT1
PX1
PT0
PX0
xxx00000B
AF
AE
AD
AC
AB
AA
A9
A8
IE*
Interrupt enable
A8H
EA
ES
ET1
EX1
ET0
EX0
0xx00000B
P0*
Port 0
80H
87
86
85
84
83
82
81
80
FFH
P1*
Port 1
90H
97
96
95
94
93
92
91
90
FFH
P2*
Port 2
A0H
A7
A6
A5
A4
A3
A2
A1
A0
FFH
P3*
Port 3
B0H
B7
B6
B5
B4
B3
B2
B1
B0
FFH
PCON
Power control
87H
SMOD
GF1
GF0
PD
IDL
0xxx0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
P
00H
SBUF
Serial data buffer
99H
xxxxxxxxB
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98H
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SP
Stack pointer
81H
07H
8F
8E
8D
8C
8B
8A
89
88
00H
TCON*
Timer/counter con-
trol
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00H
TMOD
Timer/counter mode
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
TH0
Timer 0 high byte
8CH
00H
TH1
Timer 1 high byte
8DH
00H
TL0
Timer 0 low byte
8AH
00H
TL1
Timer 1 low byte
8BH
00H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.


Similar Part No. - P80C851IBP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P80C151SB INTEL-P80C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C152JA INTEL-P80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
P80C152JC INTEL-P80C152JC Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
P80C152JD INTEL-P80C152JD Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
P80C251SA16 INTEL-P80C251SA16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results

Similar Description - P80C851IBP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C515 SIEMENS-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
logo
Hynix Semiconductor
GMS87C1102 HYNIX-GMS87C1102 Datasheet
1Mb / 80P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Mitsubishi Electric Sem...
M37640E8 MITSUBISHI-M37640E8 Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
logo
NXP Semiconductors
80C528 PHILIPS-80C528 Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com