Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSDS2M832 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSDS2M832
Description  MPPS Miniature Package Power Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSDS2M832 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSDS2M832 Datasheet HTML 1Page - Zetex Semiconductors ZXSDS2M832 Datasheet HTML 2Page - Zetex Semiconductors ZXSDS2M832 Datasheet HTML 3Page - Zetex Semiconductors ZXSDS2M832 Datasheet HTML 4Page - Zetex Semiconductors ZXSDS2M832 Datasheet HTML 5Page - Zetex Semiconductors ZXSDS2M832 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXSDS2M832
SEMICO NDUC TORS
ISSUE 2 June 2003
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)(f)
R JA
83.3
°C/W
Junction to Ambient
(b)(f)
R JA
51
°C/W
Junction to Ambient
(c)(f)
R JA
125
°C/W
Junction to Ambient
(d)(f)
R JA
111
°C/W
Junction to Ambient
(d)(g)
R JA
73.5
°C/W
Junction to Ambient
(e)(g)
R JA
41.7
°C/W
NOTES
(a) For a dual device surface mounted on 8 sq. cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the center line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed
pads attached. The copper area is split down the centerline into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centerline into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centerline into two separate areas with one half connected to each half of the dual device.
(f) For dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device as shown in
the package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper of 1 oz
weight, 1mm wide tracks and one half of the device active is Rth= 250°C/W giving a power rating of Ptot=400mW.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Reverse Voltage
VR
60
V
Forward Voltage @ IF = 1000mA
VF
600
mV
Forward Current
IF
1.65
A
Average Forward Current D=50%, t<=300us
IFAV
1.24
A
Non Repetitive Forward Current t<=100us
Non Repetitive Forward Current t<=10ms
IFSM
16.8
5.63
A
A
Power Dissipation at TA=25°C (a)(f)
Linear Derating Factor
PD
1.2
12
W
mW/°C
Power Dissipation at TA=25°C (b)(f)
Linear Derating Factor
PD
2
20
W
mW/°C
Power Dissipation at TA=25°C (c)(f)
Linear Derating Factor
PD
0.8
8
W
mW/°C
Power Dissipation at TA=25°C (d)(f)
Linear Derating Factor
PD
0.9
9
W
mW/°C
Power Dissipation at TA=25°C (d)(g)
Linear Derating Factor
PD
1.36
13.6
W
mW/°C
Power Dissipation at TA=25°C (e)(g)
Linear Derating Factor
PD
2.4
24
W
mW/°C
Storage Temp, Range
Tstg
-55 to+150
°C
Operating & Storage Temp, Range
Tj
-55 to+125
°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ZXSDS2M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSDS2M832 DIODES-ZXSDS2M832 Datasheet
146Kb / 6P
   MPPS??Miniature Package Power Solutions DUAL 60V, 1.65A SCHOTTKY DIODE COMBINATION
ZXSDS2M832TA DIODES-ZXSDS2M832TA Datasheet
146Kb / 6P
   MPPS??Miniature Package Power Solutions DUAL 60V, 1.65A SCHOTTKY DIODE COMBINATION
ZXSDS2M832TC DIODES-ZXSDS2M832TC Datasheet
146Kb / 6P
   MPPS??Miniature Package Power Solutions DUAL 60V, 1.65A SCHOTTKY DIODE COMBINATION
More results

Similar Description - ZXSDS2M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3AM832 ZETEX-ZXMC3AM832 Datasheet
280Kb / 10P
   MPPS??Miniature Package Power Solutions COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
   MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
   MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
   MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
   MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com