Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357C-117BGC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1357C-117BGC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357C-117BGC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1357C-117BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1357C-117BGC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PRELIMINARY
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. **
Page 8 of 33
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If
the JTAG feature is not being utilized, this pin should be left unconnected. This pin
is not available on TQFP packages.
TDI
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be left floating or connected to VDD through
a pull up resistor. This pin is not available on TQFP packages.
TMS
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This
pin is not available on TQFP packages.
TCK
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin
must be connected to VSS. This pin is not available on TQFP packages.
NC
-
No Connects. Not internally connected to the die.
18M,36M, 72M, 144M and 288M are address expansion pins and are not internally
connected to the die.
VSS/DNU
Ground/DNU
This pin can be connected to Ground or should be left floating.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1357C-117BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357C-100AXC CYPRESS-CY7C1357C-100AXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100AXI CYPRESS-CY7C1357C-100AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGC CYPRESS-CY7C1357C-100BGC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGI CYPRESS-CY7C1357C-100BGI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGXC CYPRESS-CY7C1357C-100BGXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1357C-117BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com