Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357C-117AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1357C-117AI
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357C-117AI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1357C-117AI Datasheet HTML 3Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1357C-117AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PRELIMINARY
CY7C1355C
CY7C1357C
Document #: 38-05539 Rev. **
Page 7 of 33
Pin Definitions
Name
I/O
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the
rising edge of the CLK. A[1:0] are fed to the two-bit burst counter.
BWA, BWB
BWC, BWD
Input-
Synchronous
Byte Write Inputs, active LOW. Qualified with WE to conduct Writes to the SRAM.
Sampled on the rising edge of CLK.
WE
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is
active LOW. This signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
Synchronous
Advance/Load Input. Used to advance the on-chip address counter or load a new
address. When HIGH (and CEN is asserted LOW) the internal burst counter is
advanced. When LOW, a new address can be loaded into the device for an access.
After being deselected, ADV/LD should be driven LOW in order to load a new ad-
dress.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified
with CEN. CLK is only recognized if CEN is active LOW.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2, and CE3 to select/deselect the device.
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 to select/deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Combined with the synchro-
nous logic block inside the device to control the direction of the I/O pins. When LOW,
the I/O pins are allowed to behave as outputs. When deasserted HIGH, I/O pins are
three-stated, and act as input data pins. OE is masked during the data portion of a
write sequence, during the first clock when emerging from a deselected state, when
the device has been deselected.
CEN
Input-
Synchronous
Clock Enable Input, active LOW. When asserted LOW the Clock signal is recog-
nized by the SRAM. When deasserted HIGH the Clock signal is masked. Since
deasserting CEN does not deselect the device, CEN can be used to extend the
previous cycle when required.
ZZ
Input-
Asynchronous
ZZ “Sleep” Input. This active HIGH input places the device in a non-time critical
“sleep” condition with data integrity preserved. During normal operation, this pin can
be connected to VSS or left floating.
DQs
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained
in the memory location specified by the addresses presented during the previous
clock rise of the Read cycle. The direction of the pins is controlled by OE. When OE
is asserted LOW, the pins behave as outputs. When HIGH, DQs and DQPX are
placed in a three-state condition.The outputs are automatically three-stated during
the data portion of a Write sequence, during the first clock when emerging from a
deselected state, and when the device is deselected, regardless of the state of OE.
DQPX
I/O-
Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these signals are identical to
DQs. During Write sequences, DQPX is controlled by BWX correspondingly.
MODE
Input Strap Pin
Mode Input. Selects the burst order of the device.
When tied to Gnd selects linear burst sequence. When tied to VDD or left floating
selects interleaved burst sequence.
VDD
Power Supply
Power supply inputs to the core of the device.
VDDQ
I/O Power Supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device.


Similar Part No. - CY7C1357C-117AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357C-100AXC CYPRESS-CY7C1357C-100AXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100AXI CYPRESS-CY7C1357C-100AXI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGC CYPRESS-CY7C1357C-100BGC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGI CYPRESS-CY7C1357C-100BGI Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1357C-100BGXC CYPRESS-CY7C1357C-100BGXC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1357C-117AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com