Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357C-133BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1357C-133BZC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357C-133BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1357C-133BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1357C-133BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PRELIMINARY
9-Mbit (256K x 36/512K x 18) Flow-Through
SRAM with NoBL™ Architecture
CY7C1355C
CY7C1357C
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05539 Rev. **
Revised April 12, 2004
Features
• No Bus Latency™ (NoBL™) architecture eliminates
dead cycles between write and read cycles.
• Can support up to 133-MHz bus operations with zero
wait states
— Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™
devices
• Internally self-timed output buffer control to eliminate
the need to use OE
• Registered inputs for flow-through operation
• Byte Write capability
• 3.3V/2.5V I/O power supply
• Fast clock-to-output times
— 6.5 ns (for 133-MHz device)
— 7.0 ns (for 117-MHz device)
— 7.5 ns (for 100-MHz device)
• Clock Enable (CEN) pin to enable clock and suspend
operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• Offered in JEDEC-standard 100 TQFP, 119-Ball BGA and
165-Ball fBGA packages
• Three chip enables for simple depth expansion.
• Automatic Power-down feature available using ZZ
mode or CE deselect
• JTAG boundary scan for BGA and fBGA packages
• Burst Capability—linear or interleaved burst order
• Low standby power
Functional Description[1]
The CY7C1355C/CY7C1357C is a 3.3V, 256K x 36/ 512K x 18
Synchronous Flow-through Burst SRAM designed specifically
to support unlimited true back-to-back Read/Write operations
without
the
insertion
of
wait
states.
The
CY7C1355C/CY7C1357C is equipped with the advanced No
Bus Latency (NoBL) logic required to enable consecutive
Read/Write operations with data being transferred on every
clock cycle. This feature dramatically improves the throughput
of data through the SRAM, especially in systems that require
frequent Write-Read transitions.
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. The clock input is qualified by
the Clock Enable (CEN) signal, which when deasserted
suspends operation and extends the previous clock cycle.
Maximum access delay from the clock rise is 6.5 ns (133-MHz
device).
Write operations are controlled by the two or four Byte Write
Select (BWX) and a Write Enable (WE) input. All writes are
conducted with on-chip synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output three-state control. In order to avoid bus
contention, the output drivers are synchronously three-stated
during the data portion of a write sequence.
Selection Guide
133 MHz
117 MHz
100 MHz
Unit
Maximum Access Time
6.5
7.0
7.5
ns
Maximum Operating Current
250
220
180
mA
Maximum CMOS Standby Current
30
30
30
mA
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.


Similar Part No. - CY7C1357C-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357C-133BZC CYPRESS-CY7C1357C-133BZC Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1357C-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
   9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com