Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C550EBAA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P83C550EBAA
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C550EBAA Datasheet(HTML) 4 Page - NXP Semiconductors

  P83C550EBAA Datasheet HTML 1Page - NXP Semiconductors P83C550EBAA Datasheet HTML 2Page - NXP Semiconductors P83C550EBAA Datasheet HTML 3Page - NXP Semiconductors P83C550EBAA Datasheet HTML 4Page - NXP Semiconductors P83C550EBAA Datasheet HTML 5Page - NXP Semiconductors P83C550EBAA Datasheet HTML 6Page - NXP Semiconductors P83C550EBAA Datasheet HTML 7Page - NXP Semiconductors P83C550EBAA Datasheet HTML 8Page - NXP Semiconductors P83C550EBAA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Philips Semiconductors
Product specification
80C550/83C550/87C550
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
4
PIN CONFIGURATIONS
PLASTIC
LEADED
CHIP CARRIER
61
40
7
17
39
29
18
28
Pin
Function
1AVCC
2
Vref+
3
Vref–
4AVSS
5
P1.0/ADC0
6
P1.1/ADC1
7
P1.2/ADC2
8
P1.3/ADC3
9
P1.4/ADC4
10
P1.5/ADC5
11
P1.6/ADC6
12
P1.7/ADC7
13
RST
14
P3.0/RxD
15
P3.1/TxD
Pin
Function
16
P3.2/INT0
17
P3.3/INT1
18
P3.4/T0
19
P3.5/T1
20
P3.6/WR
21
P3.7/RD
22
XTAL2
23
XTAL1
24
VSS
25
P2.0/A8
26
P2.1/A9
27
P2.2/A10
28
P2.3/A11
29
P2.4/A12
30
P2.5/A13
Pin
Function
31
P2.6/A14
32
P2.7/A15
33
PSEN
34
ALE/PROG
35
EA/VPP
36
P0.7/AD7
37
P0.6/AD6
38
P0.5/AD5
39
P0.4/AD4
40
P0.3/AD3
41
P0.2/AD2
42
P0.1/AD1
43
P0.0/AD0
44
VCC
SU00196
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
AVCC/Vref+
AVSS/Vref–
P1.0/ADC0
P1.1/ADC1
P1.2/ADC2
P1.3/ADC3
P1.4/ADC4
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
P1.5/ADC5
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE/PROG
EA/VPP
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
PLASTIC
DUAL
IN-LINE
PACKAGE


Similar Part No. - P83C550EBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C552EBA PHILIPS-P83C552EBA Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
P83C552EBA PHILIPS-P83C552EBA Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
P83C552EBA/XXX PHILIPS-P83C552EBA/XXX Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
P83C552EBB PHILIPS-P83C552EBB Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
P83C552EBB PHILIPS-P83C552EBB Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
More results

Similar Description - P83C550EBAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
NXP Semiconductors
83C754 PHILIPS-83C754 Datasheet
217Kb / 26P
   80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
1998 Apr 23
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
83C576 PHILIPS-83C576 Datasheet
447Kb / 46P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
1998 Jun 04
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com