Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C528FHP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P80C528FHP
Description  CMOS single-chip 8-bit microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C528FHP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P80C528FHP Datasheet HTML 2Page - NXP Semiconductors P80C528FHP Datasheet HTML 3Page - NXP Semiconductors P80C528FHP Datasheet HTML 4Page - NXP Semiconductors P80C528FHP Datasheet HTML 5Page - NXP Semiconductors P80C528FHP Datasheet HTML 6Page - NXP Semiconductors P80C528FHP Datasheet HTML 7Page - NXP Semiconductors P80C528FHP Datasheet HTML 8Page - NXP Semiconductors P80C528FHP Datasheet HTML 9Page - NXP Semiconductors P80C528FHP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
6
BLOCK DIAGRAM
PROGRAMMABLE I/O
CPU
T0
T1
COUNTERS
XTAL2 XTAL1
INT0 INT1
CONTROL
SERIAL IN
SERIAL OUT
OSCILLATOR
AND
TIMING
PROGRAM
MEMORY
(32K x 8 ROM)
RAM
AUX–RAM
DATA
MEMORY
(256 x 8)
TWO 16-BIT
TIMER/EVENT
COUNTERS
DATA
MEMORY
(256 x 8)
16-BIT TIMER /
EVENT COUNTER
WATCHDOG
TIMER
64K-BYTE BUS
EXPANSION
CONTROL
PROGRAMMABLE
SERIAL PORT
FULL DUPLEX UART
SYNCHRONOUS SHIFT
BIT-LEVEL
I2C
INTERFACE
FREQUENCY
REFERENCE
T2
T2EX
RST
EXTERNAL
INTERRUPTS
PARALLEL PORTS,
ADDRESS/DATA BUS
AND I/O PINS
SHARED WITH
PORT 3
INTERNAL
INTERRUPTS
SDA
SCL


Similar Part No. - P80C528FHP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C528 PHILIPS-P80C528 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EBA PHILIPS-P80C528EBA Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EBB PHILIPS-P80C528EBB Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EBP PHILIPS-P80C528EBP Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P80C528EFA PHILIPS-P80C528EFA Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
More results

Similar Description - P80C528FHP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com