Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCMA1A156 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMCMA1A156
Description  TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TMCMA1A156 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMCMA1A156 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMCMA1A156 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
TMCM
Test conditions JIS C5101-3-1998
Operating temperature range
–55°C ~ +125°C
Rated voltage
DC2.5 ~ 35V
85°C
Surge voltage
DC3.2 ~ 45V
85°C
Derated voltage
DC1.6 ~ 22V
125°C
Capacitance
0.47 ~ 470µF
Capacitance tolerance
±10% or 20%
Paragraph 7.8, 120 Hz
Leakage current
Paragraph 7.7, in 5 minutes after the rated voltage is applied.
tan
δ
Paragraph 7.9, 120Hz
Paragraph 7.14
Thermal shock
Failure rate
1% / 1000h
TMCM Series (Miniaturized Tantalum Chip Capacitors with Extended Capacitance Range)
Features
• A model type miniaturized chip capacitor developed on the basis
of TMCS production technology ideal for high density component
mounting applied in AV equipment.
• Super compact : Reduced size 1/2 to 1/3 in comparison with
TMCS.
Outline of drawings and dimensions
Anode indication belf mark
E case
A, B, C case
L
Product symbol : (Example) TMCM Series A case 7V 10
µF ±20%
Terminal code
Packing polarity code
Packing method code (T:carrier tape)
Capacitance tolerance code
Capacitance code
Rated voltage code
Case size code
TMCM A 0J 106 M T R F
Type of series
Case
Case size
code
L±0.2
W±0.2
H±0.2
r±0.3
a±0.2
A
3.2
1.6
1.6
0.7
1.2
B
3.5
2.8
1.9
0.8
2.2
C
5.8
3.2
2.5
1.3
2.2
E
7.3
4.3±0.3
2.8
1.3
2.4
Dimensions
(Unit : mm)
Standard value and case size
Specifiedinitialvalue
–55
85
125
C/C
-10 ~ 0%
0 ~ +10% 0 ~ +12%
tan
δ
0.04
0.09
0.07
0.09
Valueshowntable
0.06
0.10
0.08
0.10
or less
0.08
0.12
0.10
0.12
0.10
0.14
0.12
0.14
0.12
0.16
0.14
0.16
0.16
0.20
0.18
0.20
0.18
0.34
0.20
0.22
LC
0.01CV
0.1CV
0.125CV
or
or
or
0.5µA or less
5µA or less
6.25µA or less
Refer to table standard porduct table
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
Refer to table standard porduct table
C/C ±5% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
Specified initial value or less
LC
125% Specified initial value or less
C/C ±10% or less
tan
δ
Specified initial value or less
LC
Specified initial value or less
C/C ±10% or less
tan
δ
150% Specified initial value or less
LC
200% Specified initial value or less
Product
specifications
Paragraph 7.12
Dip
260±5°C
A, B case
C, E case
10±1 sec.
5±0.5 sec.
Reflow–260°C 10±1 sec.
Paragraph 9.5, 40°C
90 ~ 95%RH,500h
Leave at -55°C, normal
temperature, 125°C, and normal
temperature for 30 min., 3 min.,
30 min., and 3 min. Repeat this
operation 20 times running.
40°C, humidity 90 to 95%RH
The rated voltage is applied
for 500 hours.
Paragraph 9.10, 85°C
The rated voltage is applied
for 2000 hours.
85°C. The rated voltage is applied
(through a protective resistor of 1
Ω/V).
Capacitance
µF
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
Code
474
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
Rated voltage (V.DC)
2.5
0E
A
A
A,B
(A)B,C
B,C
B,C
C,E
E
4
0G
A
A
A
A
A,B
(A)B,C
B,C
B,C
C,E
E
6.3 (7)
0J
A
A
A,B
B,C
B,C
C
C,E
E
E
10
1A
A
A
A
A
A,B
B
B,C
B,C
C
E
E
(E)
16
1C
A
A
A
A,B
A,B
B,C
B,C
C,E
E
E
20
1D
A
A
A,B
B
B,C
C
C,E
(C)E
E
(E)
25
1E
A
A
A
A,B
B
B
C
C
C,E
E
E
35
1V
A
A
A
B
B
B
C
C
C,E
E
E
For ratings not covered the table, consult Hitachi AIC.
( ): Under Developing
Surge withstanding
voltage
Temperature
characteristics
Solder heat
resistance
Moisture resistance
leaving
High-temperature
load
Moisture resistance
load


Similar Part No. - TMCMA1A156

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCMA1A156TRF VISHAY-TMCMA1A156TRF Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
More results

Similar Description - TMCMA1A156

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMF HOLYSTONECAPS-TMF Datasheet
59Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP HOLYSTONECAPS-TMCP Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCU HOLYSTONECAPS-TMCU Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNF HOLYSTONECAPS-TNF Datasheet
53Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCH HOLYSTONECAPS-TMCH Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCM HOLYSTONECAPS-TMCM Datasheet
71Kb / 3P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTX HOLYSTONECAPS-TMCTX Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCR HOLYSTONECAPS-TMCR Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCS HOLYSTONECAPS-TMCS Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com