Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C851 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 80C851
Description  CMOS single-chip 8-bit microcontroller with on-chip EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C851 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 80C851 Datasheet HTML 5Page - NXP Semiconductors 80C851 Datasheet HTML 6Page - NXP Semiconductors 80C851 Datasheet HTML 7Page - NXP Semiconductors 80C851 Datasheet HTML 8Page - NXP Semiconductors 80C851 Datasheet HTML 9Page - NXP Semiconductors 80C851 Datasheet HTML 10Page - NXP Semiconductors 80C851 Datasheet HTML 11Page - NXP Semiconductors 80C851 Datasheet HTML 12Page - NXP Semiconductors 80C851 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Philips Semiconductors
Product specification
80C851/83C851
CMOS single-chip 8-bit microcontroller
with on-chip EEPROM
1998 Jul 03
9
Security Facilities
EEPROM Protection
The EEPROM is protected using four security
bits which are contained in an extra
EEPROM byte at address 8000H
(EADRH/EADRL). They can be set or cleared
by software. To activate the EEPROM
protection, the program sequence in byte
mode must be as follows:
MOV
EADRH, #80H
MOV
EADRL, #00H
MOV
EDAT, #FFH
If two or more of these bits are reset, SB = 0,
the security mode is disabled and the
EEPROM is not protected. If three or four bits
are set, SB = 1 and the EA mode differs from
the internal access mode.
In this case, access to the EEPROM is only
possible in one mode regardless of how the
external access mode is reached (by pulling
the EA pin low or by passing the 4K
boundary). For SB = 1 and “external access”
only, the “block erase” mode is enabled. The
program sequence has to be as follows:
MOV EADRH, #80H (security byte address)
MOV EADRL, #00H (security byte address)
MOV ECNTRL, #0AH (block erase mode)
MOV EDAT, #xxH
(start block erase)
All 256 data bytes, the security bits, and SB
will be cleared after completing this mode
(EWP = 0). SB will also be affected in byte
mode when writing to the security byte (not
for SB = 1 and “external access”). Figure 3
illustrates the access to SB.
ROM Code Protection
Since the external access mode can only be
selected by pulling the EA pin low during
reset, it is not possible to read the internal
program memory using the MOVC instruction
while executing external program memory.
Furthermore, it is not possible to change this
mode to internal access within the MOVC
cycle.
Additionally, a mask-programmable ROM
code protection facility is available. When the
program memory passes the 4K boundary
using both the internal and external ROMs, it
is not possible to access the internal ROM
from the external program memory if the
mask-programmable ROM security bit is set.
An access to the lower 4K bytes of program
memory using the MOVC instruction is only
possible while executing internal program
memory.
Also the verification mode (test-mode which
writes the ROM contents to a port for
comparison with a reference code) is not
implemented for security reasons. A different
test-mode is implemented for test purposes.
This mode allows every bit to be tested.
However, the internal code cannot be
accessed via a port.
RESET
RESET
EADRH
EADRL
EEPROM
EA
EDATA
L
n
EAQ
RESET
REGISTERS EADRH AND
EADRL CONTAIN THE
ADDRESS OF THE
SECURITY BYTE
SECURITY BYTE ADDRESS
AND BLOCK ERASE FINISHED
SECURITY BYTE ADDRESS
AND BYTE MODE FINISHED
RESET
SB
SB = 1
EXTERNAL
ACCESS
INHIBIT ‘READ DATA REGISTER’
INHIBIT ‘WRITE DATA REGISTER’
EXCEPT (ECNTRL) = BLOCK ERASE
NO
NO
YES
YES
Figure 3. EEPROM Protection (Functional and Flowchart)
8


Similar Part No. - 80C851

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
More results

Similar Description - 80C851

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C515 SIEMENS-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
logo
Hynix Semiconductor
GMS87C1102 HYNIX-GMS87C1102 Datasheet
1Mb / 80P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Mitsubishi Electric Sem...
M37640E8 MITSUBISHI-M37640E8 Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER
logo
NXP Semiconductors
80C528 PHILIPS-80C528 Datasheet
447Kb / 26P
   CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com