Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9AP5L1-48 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # T9AP5L1-48
Description  Low Cost 30 Amp PC Board or Panel Mount Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T9AP5L1-48 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  T9AP5L1-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers T9AP5L1-48 Datasheet HTML 2Page - List of Unclassifed Manufacturers T9AP5L1-48 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
62
T9AS/V – Mounting & Termination Code 1
.300
(7.62)
.100
(2.54)
.150
(3.81)
.500
(12.7)
.550
(13.97)
.700
(17.78)
.043
± .003 DIA.
(1.09
± .08)
.081
± .005 DIA.
(2.06
± .13)
.600
(15.24)
.212 MAX.
(5.38)
PC Board Layouts (Bottom Views)
T9AP/S – Mounting & Termination Code 2
.140 MAX.
(3.56)
.250 MAX.
(6.35)
.300
(7.62)
.100
(2.54)
.150
(3.81)
.500
(12.7)
.550
(13.97)
.700
(17.78)
.043
± .003 DIA.
(1.09
± .08)
.081
± .005 DIA.
(2.06
± .13)
.600
(15.24)
T9AS/V – Mounting & Termination Code 1
Outline Dimensions
T9AP – Mounting & Termination Code 5
DIN Mount Adapter - 9T91A001
Wiring Diagrams (Bottom Views)
1.67
(42.41)
.50
(12.7)
.50
(12.7)
.20
(5.08)
.40
(10.16)
.79
(20.06)
3 Holes for #6-32 Screw
0.011 Deep
(.27)
Note: Fits 35mm din track
Includes: 2 Din clips
2 Screws
Must be ordered in multiples of 50
1 Form A
T9AS – Mounting & Termination Code 2
1 Form C
.187 x .020
(4.75 x .508)
QUICK
CONNECT
1.080 MAX.
(27.43)
1.980 MAX.
(50.29)
1.713
± .010
(43.51
± .25)
.071 (1.80) RAD. FOR #6 SCREW
1.280 MAX.
(32.51)
1.100 MAX.
(27.94)
.250 x .032
(6.35 x .81)
QUICK
CONNECT
Note: Recommended mounting screw torque is 4.0-5.0 lbs.in when #6 screw is used.
.032 x .062
(.81 x 1.57)
.045 x .045
(1.14 x 1.14)
.03
(.80)
2 PLACES
.250 x .032
QUICK
(6.35 x .81) CONNECT
1.280 MAX.
(32.51)
1.080 MAX.
(27.43)
.130
± .020
(3.30
± .51)
1.100 MAX.
(27.94)
Ø
.032 x .062
(.8 x 1.6)
TERMINALS
.212 MAX.
(5.38)
.10 MAX.
(2.54)
.045 x .045
(1.14 x 1.14)
TERMINAL
.805 MAX.
(20.4)
.69
(17.6)
1.280 MAX.
(32.51)
1.08 MAX.
(27.43)
.50
(12.8)
.03
(.80)
TERMINALS
.130 + .016
– .010
3.30 + .41
–.25
(
)
Ø
.016
(.43)


Similar Part No. - T9AP5L1-48

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9AP5D52-12 TEC-T9AP5D52-12 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
T9AP5D52-24 TEC-T9AP5D52-24 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
T9AP5D52-48 TEC-T9AP5D52-48 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
T9AP5D54-12 TEC-T9AP5D54-12 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
T9AP5D54-24 TEC-T9AP5D54-24 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - T9AP5L1-48

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P1ATPDC12 OMRON-G8P1ATPDC12 Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
PCT91CL PICKER-PCT91CL_17 Datasheet
817Kb / 3P
   30, 40 or 50 Amp Latching Spade/PC Pins Relay
logo
Tyco Electronics
PCD-124D1MH MACOM-PCD-124D1MH Datasheet
88Kb / 2P
   15 Amp Low Profile Power PC Board Relay
PCD-PCDF MACOM-PCD-PCDF Datasheet
77Kb / 2P
   15 Amp Low Profile Power PC Board Relay
logo
Grayhill, Inc
62P GRAYHILL-62P Datasheet
408Kb / 2P
   Low Cost, PC Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com