Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4224-2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4224-2
Description  Smart Low-Side Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4224-2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  TLE4224-2 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4224-2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary data sheet TLE 4224-2/S2
Semiconductor Group
Page
20.12.96
7
Timing Diagram
V
VINH
V
t
VDS
t
VST
90%
10%
t fall
ton
t rise
t 4
t
t5
VS
INL
IN
toff
Overload Current versus temperature
3
3,5
4
4,5
5
5,5
6
6,5
7
-50
-25
0
25
50
75
100
125
150
Junction Temperature [ C ]


Similar Part No. - TLE4224-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4226 SIEMENS-TLE4226 Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
Infineon Technologies A...
TLE4226 INFINEON-TLE4226 Datasheet
528Kb / 16P
   Intelligent Sixfold Low-Side Switch
2002-10-21
logo
Siemens Semiconductor G...
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
Infineon Technologies A...
TLE4226G INFINEON-TLE4226G Datasheet
528Kb / 16P
   Intelligent Sixfold Low-Side Switch
2002-10-21
More results

Similar Description - TLE4224-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com