Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83C552 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 83C552
Description  Single-chip 8-bit microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C552 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 83C552 Datasheet HTML 3Page - NXP Semiconductors 83C552 Datasheet HTML 4Page - NXP Semiconductors 83C552 Datasheet HTML 5Page - NXP Semiconductors 83C552 Datasheet HTML 6Page - NXP Semiconductors 83C552 Datasheet HTML 7Page - NXP Semiconductors 83C552 Datasheet HTML 8Page - NXP Semiconductors 83C552 Datasheet HTML 9Page - NXP Semiconductors 83C552 Datasheet HTML 10Page - NXP Semiconductors 83C552 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
Product data
80C552/83C552
Single-chip 8-bit microcontroller with 10-bit A/D,
capture/compare timer, high-speed outputs, PWM
2002 Sep 03
7
PIN DESCRIPTION
PIN NO.
MNEMONIC
PLCC
QFP
TYPE
NAME AND FUNCTION
VDD
2
72
I
Digital Power Supply: +5 V power supply pin during normal operation, idle and
power-down mode.
STADC
3
74
I
Start ADC Operation: Input starting analog to digital conversion (ADC operation can also
be started by software). This pin must not float.
PWM0
4
75
O
Pulse Width Modulation: Output 0.
PWM1
5
76
O
Pulse Width Modulation: Output 1.
EW
6
77
I
Enable Watchdog Timer: Enable for T3 watchdog timer and disable power-down mode.
This pin must not float.
P0.0-P0.7
57-50
58-51
I/O
Port 0: Port 0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1s written
to them float and can be used as high-impedance inputs. Port 0 is also the multiplexed
low-order address and data bus during accesses to external program and data memory. In
this application it uses strong internal pull-ups when emitting 1s.
P1.0-P1.7
16-23
10-17
I/O
Port 1: 8-bit I/O port. Alternate functions include:
16-21
10-15
I/O
(P1.0-P1.5): Quasi-bidirectional port pins.
22-23
16-17
I/O
(P1.6, P1.7): Open drain port pins.
16-19
10-13
I
CT0I-CT3I (P1.0-P1.3): Capture timer input signals for timer T2.
20
14
I
T2 (P1.4): T2 event input.
21
15
I
RT2 (P1.5): T2 timer reset signal. Rising edge triggered.
22
16
I/O
SCL (P1.6): Serial port clock line I2C-bus.
23
17
I/O
SDA (P1.7): Serial port data line I2C-bus.
Port 1 is also used to input the lower order address byte during EPROM programming and
verification. A0 is on P1.0, etc.
P2.0-P2.7
39-46
38-42,
45-47
I/O
Port 2: 8-bit quasi-bidirectional I/O port.
Alternate function: High-order address byte for external memory (A08-A15).
P3.0-P3.7
24-31
18-20,
23-27
I/O
Port 3: 8-bit quasi-bidirectional I/O port. Alternate functions include:
24
18
RxD(P3.0): Serial input port.
25
19
TxD (P3.1): Serial output port.
26
20
INT0 (P3.2): External interrupt.
27
23
INT1 (P3.3): External interrupt.
28
24
T0 (P3.4): Timer 0 external input.
29
25
T1 (P3.5): Timer 1 external input.
30
26
WR (P3.6): External data memory write strobe.
31
27
RD (P3.7): External data memory read strobe.
P4.0-P4.7
7-14
80, 1-2
4-8
I/O
Port 4: 8-bit quasi-bidirectional I/O port. Alternate functions include:
7-12
80, 1-2
4-6
O
CMSR0-CMSR5 (P4.0-P4.5): Timer T2 compare and set/reset outputs on a match with
timer T2.
13, 14
7, 8
O
CMT0, CMT1 (P4.6, P4.7): Timer T2 compare and toggle outputs on a match with timer T2.
P5.0-P5.7
68-62,
71-64,
I
Port 5: 8-bit input port.
1
ADC0-ADC7 (P5.0-P5.7): Alternate function: Eight input channels to ADC.
RST
15
9
I/O
Reset: Input to reset the 8XC552. It also provides a reset pulse as output when timer T3
overflows.
XTAL1
35
32
I
Crystal Input 1: Input to the inverting amplifier that forms the oscillator, and input to the
internal clock generator. Receives the external clock signal when an external oscillator is
used.
XTAL2
34
31
O
Crystal Input 2: Output of the inverting amplifier that forms the oscillator. Left open-circuit
when an external clock is used.


Similar Part No. - 83C552

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C552 PHILIPS-83C552 Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
More results

Similar Description - 83C552

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com