Electronic Components Datasheet Search |
|
T9AS5L5-24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
T9AS5L5-24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page 61 Mechanical Data Termination: Printed circuit and quick connect terminals (4). Enclosures (all have 94V-0 flammability rating): T9AP: Unsealed, plastic dust cover. T9AS: Immersion cleanable, sealed plastic case (2 & 3). T9AV: Vented, flux-tight, plastic cover. Weight: Q.C. version: 1.2 oz. (33g) approx. (mounting code 2 & 5). Sealed Model T9AS: 0.9 oz. (26g) approx. (mounting code 1). Notes (1) Operating ambient temperature must consider “Must Operate Voltage Change Over Temperature,” Contact Temperature Rise, Coil Temperature Rise (If coil is not allowed to cool) and Maximum Coil Temperature. Specification ambient considers 20A load with coil cooled to ambient. (2) Sealed relay terminals should not be bent. (3) Remove knock-off nib after cleaning process for optimum life of sealed relays. (4) Maximum soldering temperature is 500 °F for 4 seconds. (5) Class F coils are UL systems approved for maximum coil temperature of 140 °C, by change of resistance method. (6) See application note 13C265 for proper relay mounting, termination, cleaning and PC board conductor width. Coil rise test performed with 30A PC board to maintain 20 °C maximum rise @ 30A. T9AP1D52-12 T9AP1D52-24 T9AP1D52-48 T9AP5D52-12 T9AP5D52-24 T9AP5D52-48 T9AS1D12-110 T9AS1D12-12 T9AS1D12-18 T9AS1D12-24 T9AS1D12-48 T9AS1D12-5 T9AS1D22-110 T9AS1D22-12 T9AS1D22-24 T9AS1D22-48 T9AS1D22-5 T9AS1L12-12 T9AS1L12-24 T9AS5D12-110 T9AS5D12-12 T9AS5D12-18 T9AS5D12-24 T9AS5D12-48 T9AS5D12-5 T9AS5D22-110 T9AS5D22-12 T9AS5D22-24 T9AS5D22-48 T9AS5D22-5 T9AS5L12-12 T9AS5L12-24 Stock Items – The following items are normally maintained in stock for immediate delivery. 0 20 40 60 80 100 120 140 180 160 140 120 100 80 60 0A 10A 20A 30A Sealed Relay, Vented (note 3) PC Terminals For Coil & Contacts Applied Continuous Coil Voltage (% of Rated Voltage) 40 60 80 100 120 140 180 160 140 120 100 80 60 Relay With Dust Cover, Flange Mount 0A 10A 20A 30A Applied Continuous Coil Voltage (% of Rated Voltage) 0 20 40 60 80 100 120 140 180 160 140 120 100 80 60 Sealed Relay, Vented (note 3); Load Connections Via Q.C. Terminals, PC Mount 0A 10A 20A 30A Applied Continuous Coil Voltage (% of Rated Voltage) Environmental Data Storage Temperature Range: -55 °C to 130°C. Operating Temperature Range(1): -55 °C to +85°C. Vibration, Operational: 0.065" (1.65mm) max. excursions from 10-55 Hz. with no contact opening >100 µs. Shock, Operational: 10g for 11 ms with no contact opening >100 µs. Shock, Mechanical: 100g. Ambient Temperature vs. Coil Voltage - 1 Watt Coil Data below are average values and should be verified in application. Tests were conducted within a 2' (.6 m) cube (still air); at nominal coil power @ 25 °C; with normally open contact loaded; and with 4' (1.22 m) long, #10 AWG load wires. P.C. board relays were mounted to a 30A, single side P.C. board (6). Ordering Information Typical Part Number B T9A S 5 D 2 2 -12 1. Basic Series: T9A = Low cost, printed circuit board/panel power relay. 2. Enclosure: P = Unsealed, plastic dust cover (mounting code 5). S = Immersion cleanable, knock off nib, sealed plastic case (mounting codes 1 & 2). V = Vented, flux-tight (mounting code 1). 3. Contact Arrangement: 1 = 1 Form A (SPST-NO). 5 = 1 Form C (SPDT). 4. Coil Input: D = DC voltage (1 Watt) L = DC voltage (900mW) 5. Mounting & Termination: 1 = Printed circuit board mounting; PC terminals for coil & contacts (a). 2 = Printed circuit board mounting; PC terminals for coil & contacts, and .250" (6.35mm) quick connects for contacts (b). 5 = Flanged mounting; .187" (4.75mm) quick connects for coil and .250" (6.35mm) quick connects for contacts (c). 6. Contact Material: 2 = Silver-cadmium oxide. 7. Coil Voltage: 5 = 5VDC 9 = 9VDC 15 = 15VDC 20 = 20VDC 24 = 24VDC 48 = 48VDC 6 = 6VDC 12 = 12VDC 18 = 18VDC 22 = 22VDC 36 = 36VDC 110 = 110VDC a) Only available with enclosure code “S” & “V”. b) Only available with enclosure code “S”. c) Only available with enclosure code “P”. |
Similar Part No. - T9AS5L5-24 |
|
Similar Description - T9AS5L5-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |