Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9AS1L2-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T9AS1L2-20
Description  Low Cost 30 Amp PC Board or Panel Mount Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T9AS1L2-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T9AS1L2-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers T9AS1L2-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers T9AS1L2-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
60
Operate Data @ 25
°C
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time (Including Bounce)§: 15 ms, max.
Release Time (Including Bounce)§: 15 ms, max.
§ At or From Nominal Coil Voltage
T9A series
Low Cost
30 Amp PC Board or
Panel Mount Relay
File E22575
File LR15734
Contact Ratings @ 25
°C with relay properly vented.
Remove vent nib after soldering and cleaning.
Arrangements: 1 Form A (SPST-NO), and 1 Form C (SPDT).
Material: Silver-cadmium oxide.
Mechanical Life: 10 million operations, typical.
Minimum Contact Load: 1A @ 5VDC or 12VAC.
Initial Contact Resistance:
75 milliohms, max., @ min. rated current (switched).
Initial Dielectric Strength
Between Open Contacts: 1,500V rms.
Between Contacts and Coil: 2,500V rms.
6 kV surge using 1.2
µs/50µs Impulse Wave or
.5
µs – 100kHz Ring Wave
Initial Insulation Resistance
Between Mutually Insulated Elements: 109 ohms, min., @ 500VDC,
25
°C and 50% R.H.
Coil Data @ 25
°C
Voltage: 5 to 110VDC.
Nominal Coil Power: 1.0W, (approx.) and 900mW (approx.) versions.
Maximum Coil Power: 2.8 Watt.
Maximum Coil Temperature(5): Class F: 140
°C.
Duty Cycle: Continuous.
Nominal DC Resistance
Nominal
Nominal
DC Resistance
Nominal
Voltage
± 10% (Ohms) Current (mA) Voltage ± 10% (Ohms) Current (mA)
5
27
185
22
545
40
6
40
150
24
660
36
9
97
93
28
890
31
12
155
77
36
1,450
25
15
256
59
48
2,560
19
18
380
47
110
13,450
8
20
450
44
Coil Data - 900mW
Coil Data - 1 Watt
Nominal DC Resistance
Nominal
Nominal
DC Resistance
Nominal
Voltage
± 10% (Ohms) Current (mA) Voltage ± 10% (Ohms) Current (mA)
5
25
200
18
324
56
6
36
167
22
484
45
9
81
111
24
576
42
12
144
83
48
2,304
21
15
225
67
110
12,100
9
Features
• Up to 30 amp switching in SPST and 20 amp in SPDT arrangements.
• Immersion cleanable(6), plastic sealed case available.
• Meets UL 873 and UL 508 spacing – 1/8" through air, 1/4" over surface.
• Load connections made via 1/4" Q. C. terminals and safety wells accept
insulated female Q. C. terminals (mounting codes 2 & 5).
• UL Class F insulation system standard.
• Well suited for various industrial, commercial and residential applications.
Typical Electrical Load & Life - 900mW Coil
Contact
Contact Load
Type of Load
Operations
Arrangement
1
120VAC
50 LRA/16 FLA
100,000
120VAC
30 LRA/11 FLA
200,000
Typical Electrical Load & Life - 1 Watt Coil
Contact
Contact Load
Type of Load
Operations
Arrangement
1
30A @ 240VAC
UL General Purpose
100,000
25A @ 240VAC
Resistive Heater
100,000
5
20A/10A @ 240VAC
UL General Purpose
100,000
20A/10A @ 240VAC
UL Resistive
100,000
20A/10A @ 28VDC
Resistive
100,000
UL 508/873 & CSA Contact Ratings - 1 Watt Coil
Voltage
Load Type
N.O. Contact
N.C. Contact
277VAC
Tungsten *
5.4A
277VAC
Ballast
10A
3A
240VAC
Motor
2 HP
1/2 HP
240VAC
Resistive *
30A
20A
240VAC
General Purpose†
30A
15A
240VAC
LRA/FLA **††
80A/30A
30A/12A
240VAC
Pilot Duty *
470VA
275VA
125VAC
Motor
1 HP
1/4 HP
120VAC
LRA/FLA
98A/22A
120VAC
Tungsten *
8.3A
120VAC
Pilot Duty
470VA
28VDC
Resistive
20A
10A
* Rated 6,000 operations.
** Higher UL & CSA ratings available.
† For Form C application, derate current to 20A (N.O.), 10A (N.C.).
†† For Form C application, derate current to 67%.
Note: Consult factory for other 900mW version contact ratings.


Similar Part No. - T9AS1L2-20

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9AS1L22-18 TEC-T9AS1L22-18 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Similar Description - T9AS1L2-20

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8P1ATPDC12 OMRON-G8P1ATPDC12 Datasheet
933Kb / 6P
   Compact, Low-cost 30-A Power Relay for PC Board or Panel-mounted Applications
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
   30 AMP Panel Mount or PCB Power Relay
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
   30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
   40 AMP Panel Mount or PCB Power Relay
PCT91CL PICKER-PCT91CL_17 Datasheet
817Kb / 3P
   30, 40 or 50 Amp Latching Spade/PC Pins Relay
logo
Tyco Electronics
PCD-124D1MH MACOM-PCD-124D1MH Datasheet
88Kb / 2P
   15 Amp Low Profile Power PC Board Relay
PCD-PCDF MACOM-PCD-PCDF Datasheet
77Kb / 2P
   15 Amp Low Profile Power PC Board Relay
logo
Grayhill, Inc
62P GRAYHILL-62P Datasheet
408Kb / 2P
   Low Cost, PC Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com