Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVU04D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVU04D
Description  Hex inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVU04D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVU04D Datasheet HTML 3Page - NXP Semiconductors 74LVU04D Datasheet HTML 4Page - NXP Semiconductors 74LVU04D Datasheet HTML 5Page - NXP Semiconductors 74LVU04D Datasheet HTML 6Page - NXP Semiconductors 74LVU04D Datasheet HTML 7Page - NXP Semiconductors 74LVU04D Datasheet HTML 8Page - NXP Semiconductors 74LVU04D Datasheet HTML 9Page - NXP Semiconductors 74LVU04D Datasheet HTML 10Page - NXP Semiconductors 74LVU04D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74LVU04
Hex inverter
1998 Apr 20
7
APPLICATION INFORMATION
Some applications for the 74LVU04 are:
Linear amplifier (see Figure 7)
In crystal oscillator designs (see Figure 8)
Astable multivibrator (see Figure 9)
SV00404
V
CC
R2
R1
1
mF
ZL
GND
U04
Note:
ZL > 10kΩ; AOL = 20 (typical)
Au + –
A
OL
1
)
R
1
R
2
(1
) A
OL
)
;V
OMax(P
*P)
VCC – 1.5 V centered
at 1/2 VCC
3 k
Ω < R1, R2 < 1 MΩ
Typical unity gain bandwidth product is 5 MHz.
Cl, see Figure10
AOL = open loop amplification
Au = voltage amplification
Figure 7. LVU04 used as a linear amplifier.
EXTERNAL COMPONENTS FOR RESONATOR
(f < 1 mHz)
FREQUENCY
(kHz)
R1(MW)
R2 (KW)
C1 (pF)
C2 (pF)
10 .. 15.9
2.2
220
56
20
16 .. 24.9
2.2
220
56
10
25 .. 54.9
2.2
100
56
10
55 .. 129.9
2.2
100
47
5
130 .. 199.9
2.2
47
47
5
200 .. 349.9
2.2
47
47
5
350 .. 600
2.2
47
47
5
WHERE:
All values given are typical and must be used as an initial set-up.
SV00408
U04
R2
C
2
C1
R1
out
Note:
C1 = 47 pF (typ.)
C2 = 22 pF (typ.)
R1 = 1 to 10 MW (typ.)
R2 optimum value depends on the frequency and required stability against
changes in VCC or average minimum ICC (ICC is typically
2 mA at VCC = 3 V and f = 1 MHz).
Figure 8. Crystal oscillator configuration.
OPTIMUM VALUE FOR R2
FREQUENCY
(MHz)
R2
(k
W)
Optimum
3
2.0
8.0
Minimum required ICC
Minimum influence due to change in VCC
6
1.0
4.7
Minimum ICC
Minimum influence by VCC
10
0.5
2.0
Minimum ICC
Minimum influence by VCC
14
0.5
1.0
Minimum ICC
Minimum influence by VCC
> 14
Replace R2 by C3 with a typical value of 35 pF


Similar Part No. - 74LVU04D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
74LVU04 SLS-74LVU04 Datasheet
44Kb / 6P
   Hex Inverter
More results

Similar Description - 74LVU04D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com