Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74F163AJ Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74F163AJ
Description  SYNCHRONOUS PRESETTABLE BINARY COUNTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F163AJ Datasheet(HTML) 1 Page - Motorola, Inc

  MC74F163AJ Datasheet HTML 1Page - Motorola, Inc MC74F163AJ Datasheet HTML 2Page - Motorola, Inc MC74F163AJ Datasheet HTML 3Page - Motorola, Inc MC74F163AJ Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-75
FAST AND LS TTL DATA
SYNCHRONOUS PRESETTABLE
BINARY COUNTER
The MC74F161A and MC74F163A are high-speed synchronous modu-
lo-16 binary counters. They are synchronously presettable for application in
programmable dividers and have two types of Count Enable inputs plus a Ter-
minal Count output for versatility in forming synchronous multistage counters.
The MC74F161A has an asynchronous Master Reset input that overrides all
other inputs and forces the outputs LOW. The MC74F163A has a Synchro-
nous Reset input that overrides counting and parallel loading and allows the
outputs to be simultaneously reset on the rising edge of the clock.
Synchronous Counting and Loading
High-Speed Synchronous Expansion
Typical Count Frequency of 120 MHz
CONNECTION DIAGRAM
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
TC
Q0
Q1
Q2
Q3
CET
PE
*R
CP
P0
P1
P2
P3
CEP
GND
*MR for MC74F161A
*SR for MC74F163A
FUNCTION TABLE
SR
PE
CET
CEP
ACTION ON THE RISING CLOCK EDGE (
)
L
X
X
X
Reset (Clear)
H
L
X
X
Load (Pn
Qn)
H
H
H
H
Count (Increment)
H
H
L
X
No Change (Hold)
H
H
X
L
No Change (Hold)
H = HIGH Voltage Level; L = LOW Voltage Level; X = Don’t Care
STATE DIAGRAM
15
12
1
2
3
4
5
6
7
8
9
10
11
13
14
0
VCC = PIN 16
GND = PIN 8
LOGIC SYMBOL
PE P0 P1
P3
P2
CEP
CET
CP
*R
Q0 Q1 Q2 Q3
TC
1
15
7
14
13
12
11
9
3
4
5
6
10
2
MC74F161A
MC74F163A
SYNCHRONOUS PRESETTABLE
BINARY COUNTER
FAST
™ SHOTTKY TTL
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
MC74FXXXAJ
Ceramic
MC74FXXXAN Plastic
MC74FXXXAD SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
*MR for MC74F161A
*SR for MC74F163A


Similar Part No. - MC74F163AJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
MC74F160AD MOTOROLA-MC74F160AD Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
MC74F160AJ MOTOROLA-MC74F160AJ Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
MC74F160AN MOTOROLA-MC74F160AN Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
MC74F162A MOTOROLA-MC74F162A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
More results

Similar Description - MC74F163AJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com