Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT823 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC74ACT823
Description  9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT823 Datasheet(HTML) 6 Page - Motorola, Inc

  MC74ACT823 Datasheet HTML 1Page - Motorola, Inc MC74ACT823 Datasheet HTML 2Page - Motorola, Inc MC74ACT823 Datasheet HTML 3Page - Motorola, Inc MC74ACT823 Datasheet HTML 4Page - Motorola, Inc MC74ACT823 Datasheet HTML 5Page - Motorola, Inc MC74ACT823 Datasheet HTML 6Page - Motorola, Inc MC74ACT823 Datasheet HTML 7Page - Motorola, Inc MC74ACT823 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74AC823 MC74ACT823
5-6
FACT DATA
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to +85°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = – 50 µA
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
– 24 mA
5.5
4.86
4.76
IOH
– 24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOH
24 mA
5.5
0.36
0.44
IOH
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
IOZ
Maximum
3-State Current
VI (OE) = VIL, VIH
3-State Current
5.5
±0.5
±5.0
µA
VI = VCC, GND
VO = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
Supply Current
5.5
8.0
80
µA
IN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one input loaded at a time.


Similar Part No. - MC74ACT823

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT810 MOTOROLA-MC74ACT810 Datasheet
149Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
MC74ACT810D MOTOROLA-MC74ACT810D Datasheet
149Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
MC74ACT810N MOTOROLA-MC74ACT810N Datasheet
149Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
logo
ON Semiconductor
MC74ACT86 ONSEMI-MC74ACT86 Datasheet
89Kb / 8P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
April, 2005 ??Rev. 7
logo
Motorola, Inc
MC74ACT86 MOTOROLA-MC74ACT86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - MC74ACT823

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
   16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
logo
Texas Instruments
CY74FCT823T TI1-CY74FCT823T_14 Datasheet
886Kb / 15P
[Old version datasheet]   9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74AHC8541 TI1-SN74AHC8541 Datasheet
364Kb / 9P
[Old version datasheet]   8-BIT INVERTING/NON-INVERTING SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com