Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT810 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74ACT810
Description  QUAD 2-INPUT EXCLUSIVE-NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT810 Datasheet(HTML) 4 Page - Motorola, Inc

  MC74ACT810 Datasheet HTML 1Page - Motorola, Inc MC74ACT810 Datasheet HTML 2Page - Motorola, Inc MC74ACT810 Datasheet HTML 3Page - Motorola, Inc MC74ACT810 Datasheet HTML 4Page - Motorola, Inc MC74ACT810 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74AC810 MC74ACT810
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
8.5
10
1.0
10.5
ns
3-5
tPHL
Propagation Delay
5.0
1.0
7.0
10
1.0
11
ns
3-5
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
25
pF
VCC = 5.0 V


Similar Part No. - MC74ACT810

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT823 MOTOROLA-MC74ACT823 Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
MC74ACT823DW MOTOROLA-MC74ACT823DW Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
MC74ACT823N MOTOROLA-MC74ACT823N Datasheet
235Kb / 8P
   9-BIT REGISTER WITH 3-STATE OUTPUTS (Non-Inverting)
logo
ON Semiconductor
MC74ACT86 ONSEMI-MC74ACT86 Datasheet
89Kb / 8P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
April, 2005 ??Rev. 7
logo
Motorola, Inc
MC74ACT86 MOTOROLA-MC74ACT86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - MC74ACT810

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7266 PHILIPS-74HC7266 Datasheet
29Kb / 4P
   Quad 2-input EXCLUSIVE-NOR gate
December 1990
logo
Motorola, Inc
MC74HC7266A MOTOROLA-MC74HC7266A Datasheet
137Kb / 6P
   Quad 2-Input Exclusive NOR Gate
logo
Nexperia B.V. All right...
HEF4077B NEXPERIA-HEF4077B Datasheet
164Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
Rev. 6 - 14 March 2017
logo
Motorola, Inc
SN54LS266 MOTOROLA-SN54LS266 Datasheet
125Kb / 4P
   QUAD 2-INPUT EXCLUSIVE NOR GATE
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
   Quad 2-Input Exclusive NOR Gate
logo
NXP Semiconductors
74AC11810 PHILIPS-74AC11810 Datasheet
123Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE
October 17 1990
logo
Nexperia B.V. All right...
HEF4077B-Q100 NEXPERIA-HEF4077B-Q100 Datasheet
165Kb / 11P
   Quad 2-input EXCLUSIVE-NOR gate
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Intersil Corporation
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
   Radiation Hardened Quad 2-Input Exclusive NOR Gate
logo
STMicroelectronics
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
   QUAD EXCLUSIVE NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com