Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX50DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX50DG
Description  HEX BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX50DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX50DG Datasheet HTML 1Page - ON Semiconductor MC74LVX50DG Datasheet HTML 2Page - ON Semiconductor MC74LVX50DG Datasheet HTML 3Page - ON Semiconductor MC74LVX50DG Datasheet HTML 4Page - ON Semiconductor MC74LVX50DG Datasheet HTML 5Page - ON Semiconductor MC74LVX50DG Datasheet HTML 6Page - ON Semiconductor MC74LVX50DG Datasheet HTML 7Page - ON Semiconductor MC74LVX50DG Datasheet HTML 8Page - ON Semiconductor MC74LVX50DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC74LVX50
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
2.0
3.0
3.6
1.5
2.0
2.4
1.5
2.0
2.4
V
VIL
Low−Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High−Level Output Voltage
(VIN= VIH or VIL)
IOH = −50 mA
IOH = −50 mA
IOH = −4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output Voltage
(VIN= VIH or VIL)
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to
3.6
±0.1
±1.0
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
3.6
2.0
20.0
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
TA = 25°C
TA ≤ 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay,
Input A to Y
VCC = 2.7 V
CL = 15 pF
CL = 50 pF
5.4
7.9
10.1
13.6
1.0
1.0
12.5
16.0
ns
VCC = 3.3 V ± 0.3 V
CL = 15 pF
CL = 50 pF
4.1
6.6
6.2
9.7
1.0
1.0
7.5
11.5
tOSHL
t
Output−to−Output Skew
(N
7)
VCC = 2.7 V
CL = 50 pF
1.5
1.5
ns
OSHL
tOSLH
(Note 7)
VCC = 3.3 V ±0.3V
CL = 50 pF
1.5
1.5
CIN
Input Capacitance
4
10
10
pF
Typical @ 25
°C, VCC = 3.3 V
CPD
Power Dissipation Capacitance (Note 8)
15
pF
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
8. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3 V
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.3
−0.5
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Similar Part No. - MC74LVX50DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX50DG ONSEMI-MC74LVX50DG Datasheet
180Kb / 11P
   Hex Buffer
May, 2011 ??Rev. 4
MC74LVX50DG ONSEMI-MC74LVX50DG Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results

Similar Description - MC74LVX50DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com