Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT640 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74ACT640
Description  OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT640 Datasheet(HTML) 5 Page - Motorola, Inc

  MC74ACT640 Datasheet HTML 1Page - Motorola, Inc MC74ACT640 Datasheet HTML 2Page - Motorola, Inc MC74ACT640 Datasheet HTML 3Page - Motorola, Inc MC74ACT640 Datasheet HTML 4Page - Motorola, Inc MC74ACT640 Datasheet HTML 5Page - Motorola, Inc MC74ACT640 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74AC640 MC74ACT640
5-5
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
An to Bn or Bn to An
5.0
1.5
1.5
1.0
8.5
ns
3-5
tPLH
An to Bn or Bn to An
5.0
1.5
1.5
1.0
8.5
ns
3-5
tPHL
Propagation Delay
An to Bn or Bn to An
5.0
1.5
8.0
1.0
9.0
ns
3-5
tPHL
An to Bn or Bn to An
5.0
1.5
8.0
1.0
9.0
ns
3-5
tPZH
Output Enable Time
5.0
1.5
10.0
1.0
11.0
ns
3-7
tPZL
Output Enable Time
5.0
1.5
10.0
1.0
11.0
ns
3-8
tPHZ
Output Disable Time
5.0
1.5
10.0
1.0
11.0
ns
3-7
tPLZ
Output Disable Time
5.0
1.5
10.0
1.0
11.0
ns
3-8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CI/O
Input/Output Capacitance
15
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
45
pF
VCC = 5.0 V


Similar Part No. - MC74ACT640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640 ONSEMI-MC74ACT640 Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
MC74ACT640DW ONSEMI-MC74ACT640DW Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640DWG ONSEMI-MC74ACT640DWG Datasheet
89Kb / 6P
   Octal 3?뭆tate Inverting Transciever
December, 2006 ??Rev. 3
MC74ACT640DWG ONSEMI-MC74ACT640DWG Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
More results

Similar Description - MC74ACT640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com