Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGA-386 Datasheet(PDF) 1 Page - Stanford Microdevices

Part # NGA-386
Description  DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

NGA-386 Datasheet(HTML) 1 Page - Stanford Microdevices

  NGA-386 Datasheet HTML 1Page - Stanford Microdevices NGA-386 Datasheet HTML 2Page - Stanford Microdevices NGA-386 Datasheet HTML 3Page - Stanford Microdevices NGA-386 Datasheet HTML 4Page - Stanford Microdevices NGA-386 Datasheet HTML 5Page - Stanford Microdevices NGA-386 Datasheet HTML 6Page - Stanford Microdevices NGA-386 Datasheet HTML 7Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EDS-101103 Rev C
1
The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or omissions.
Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford
Microdevices product for use in life-support devices and/or systems.
Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved.
522 Almanor Ave., Sunnyvale, CA 94086
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
Preliminary
Preliminary
Product Description
NGA-386
DC-5000 MHz, Cascadable GaAs
HBT MMIC Amplifier
Product Features
High Gain: 18.9dB at 1950Mhz
Cascadable 50 ohm: 1.2:1 VSWR
Patented GaAs HBT Technology
Operates from Single Supply
Low Thermal Resistance Package
Unconditionally Stable
Applications
Cellular, PCS, CDPD
Wireless Data, SONET
l
o
b
m
y
S
:
s
n
o
i
t
i
d
n
o
C
t
s
e
T
:
s
r
e
t
e
m
a
r
a
P
Z
0
I
,
s
m
h
O
0
5
=
D
C
º
5
2
=
T
,
A
m
5
3
=
s
t
i
n
U
.
n
i
M
.
p
y
T
.
x
a
M
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
O
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
m
B
d
m
B
d
m
B
d
5
.
4
1
0
.
5
1
6
.
5
1
P
I
3
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
r
i
h
T
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
r
e
w
o
P
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
m
B
d
m
B
d
m
B
d
8
.
5
2
0
.
7
2
0
.
7
2
S
1
2
n
i
a
G
l
a
n
g
i
S
ll
a
m
S
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
B
d
B
d
B
d
9
.
0
2
9
.
8
1
0
.
8
1
h
t
d
i
w
d
n
a
Bh
t
d
i
w
d
n
a
B
B
d
3
z
H
M0
0
0
2
S
1
1
R
W
S
V
t
u
p
n
Iz
H
M
0
0
0
5
-
C
D
=
f-
1
:
2
.
1
S
2
2
R
W
S
V
t
u
p
t
u
Oz
H
M
0
0
0
5
-
C
D
=
f-
1
:
3
.
1
S
2
1
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R
z
H
M
0
5
8
=
f
z
H
M
0
5
9
1
=
f
z
H
M
0
0
4
2
=
f
B
d
B
d
B
d
4
.
3
2
2
.
2
2
6
.
1
2
F
Ne
r
u
g
i
F
e
s
i
o
Nz
H
M
0
0
0
2
=
fB
d7
.
2
V
D
e
g
a
t
l
o
V
e
c
i
v
e
D
V0
.
4
R
h
t
l
-
j
,)
d
a
e
l
-
n
o
i
t
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
W
/
C
º4
4
1
Stanford Microdevices’ NGA-386 is a high performance
Gallium Arsenide Heterojunction Bipolar Transistor MMIC
Amplifier. Designed with InGaP process technology for
improved reliability, a Darlington configuration is utilized for
broadband performance up to 5 Ghz. The heterojunction
increases breakdown voltage and minimizes leakage current
between junctions. Cancellation of emitter junction
non-linearities results in higher suppression of intermodulation
products.
0
5
10
15
20
25
01
23
4
567
dB
Small Signal Gain vs. Frequency
Frequency GHz


Similar Part No. - NGA-386

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-386 SIRENZA-NGA-386 Datasheet
353Kb / 5P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
More results

Similar Description - NGA-386

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-689 SIRENZA-NGA-689 Datasheet
482Kb / 6P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
NGA-689 ETC-NGA-689 Datasheet
412Kb / 8P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-386 SIRENZA-NGA-386 Datasheet
353Kb / 5P
   DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-3286 STANFORD-SGA-3286 Datasheet
275Kb / 4P
   DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2486 ETC1-SGA-2486 Datasheet
87Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5289 ETC-SGA-5289 Datasheet
85Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGA-2363 SIRENZA-SGA-2363 Datasheet
252Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2463 SIRENZA-SGA-2463 Datasheet
251Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5289 SIRENZA-SGA-5289 Datasheet
85Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com