Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC620DW Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74AC620DW
Description  OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC620DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC74AC620DW Datasheet HTML 1Page - Motorola, Inc MC74AC620DW Datasheet HTML 2Page - Motorola, Inc MC74AC620DW Datasheet HTML 3Page - Motorola, Inc MC74AC620DW Datasheet HTML 4Page - Motorola, Inc MC74AC620DW Datasheet HTML 5Page - Motorola, Inc MC74AC620DW Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FACT DATA
Octal Bidirectional Transceiver
with 3State Outputs
The MC74AC620/74ACT620 octal bus transceiver is designed for asynchronous
two-way communication between data buses. The device transmits data from bus A
to bus B when T/R = HIGH, or from bus B to bus A when T/R = LOW. The enable
input can be used to disable the device so the buses are effectively isolated.
• Bidirectional Data Path
• A and B Outputs Sink 24 mA/Source –24 mA
• ′ACT620 Has TTL Compatible Inputs
19
20
18
16
15
14
2
1
3
4
5
6
7
VCC
13
8
12
9
11
10
GBA
B0
B1
B2
B3
B4
B5
B6
B7
GAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
17
PIN NAMES
A0–A7
Side A Inputs or 3-State Outputs
GAB
Enable B Outputs
GBA
Enable A Outputs
B0–B7
Side B Inputs or 3-State Outputs
TRUTH TABLE
GAB
GBA
Applied
Inputs
Valid
Direction
I/P
→O/P
Output
H
H
H
A to B
L
H
H
L
A to B
H
L
L
H
B to A
L
L
L
L
B to A
H
H = HIGH Voltage Level
L = LOW Voltage Level
MC74AC620
MC74ACT620
OCTAL BIDIRECTIONAL
TRANSCEIVER WITH
3-STATE OUTPUTS
N SUFFIX
CASE 738-03
PLASTIC
DW SUFFIX
CASE 751D-04
PLASTIC


Similar Part No. - MC74AC620DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC623DW MOTOROLA-MC74AC623DW Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC623N MOTOROLA-MC74AC623N Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74AC620DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com