Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56606-27 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA56606-27
Description  CMOS system reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56606-27 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA56606-27 Datasheet HTML 1Page - NXP Semiconductors SA56606-27 Datasheet HTML 2Page - NXP Semiconductors SA56606-27 Datasheet HTML 3Page - NXP Semiconductors SA56606-27 Datasheet HTML 4Page - NXP Semiconductors SA56606-27 Datasheet HTML 5Page - NXP Semiconductors SA56606-27 Datasheet HTML 6Page - NXP Semiconductors SA56606-27 Datasheet HTML 7Page - NXP Semiconductors SA56606-27 Datasheet HTML 8Page - NXP Semiconductors SA56606-27 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
SA56606-XX
CMOS system reset
2001 Jun 19
5
TYPICAL PERFORMANCE CURVES
SL01344
Tamb, TEMPERATURE (°C)
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–50
–25
0
25
50
75
100
125
VDD = VS + 1.0 V
NORMALIZED TO 25
°C
Figure 3. Supply current versus temperature.
SL01345
Tamb, TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
–0.20
–0.10
+0.10
+0.20
+0.15
–0.15
–0.05
+0.05
VS
VCC FALLING
VS NORMALIZED TO 25 °C
Figure 4. Detection threshold versus temperature.
SL01346
Tamb, TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0
50
100
150
200
VS(HYS) = VSH – VSL
(VCC RISING – VCC FALLING)
Figure 5. Detection hysteresis versus temperature.
Tamb, AMBIENT TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
N-CHANNEL
SL01317
VDS = 0.5 V
Figure 6. Output FET current versus temperature.
SL01348
VDD, SUPPLY VOLTAGE (V)
0
1.0
2 .0
3.0
4.0
5.0
6.0
0
1.0
2.0
3.0
4.0
5.0
VS(HYS)
TAMB = 25 °C
TYPICAL CHARACTERISTIC.
DETECTION AND RELEASE
VOLTAGE POINTS DEPEND ON
THE SPECIFIC DEVICE TYPE.
Figure 7. Output voltage versus supply voltage
SL01349
VDD, SUPPLY VOLTAGE (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
TAMB = 25 °C
Figure 8. Supply current versus supply voltage


Similar Part No. - SA56606-27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-27 PHILIPS-SA56606-27 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56606-27GW PHILIPS-SA56606-27GW Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
More results

Similar Description - SA56606-27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56606-20 PHILIPS-SA56606-20 Datasheet
123Kb / 12P
   CMOS system reset
2001 Jun 19
SA56614-XX PHILIPS-SA56614-XX Datasheet
113Kb / 14P
   CMOS system reset
2001 Jun 19
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com