Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT74D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC74ACT74D
Description  DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT74D Datasheet(HTML) 5 Page - Motorola, Inc

  MC74ACT74D Datasheet HTML 1Page - Motorola, Inc MC74ACT74D Datasheet HTML 2Page - Motorola, Inc MC74ACT74D Datasheet HTML 3Page - Motorola, Inc MC74ACT74D Datasheet HTML 4Page - Motorola, Inc MC74ACT74D Datasheet HTML 5Page - Motorola, Inc MC74ACT74D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74AC74 MC74ACT74
5-5
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
145
210
125
MHz
3-3
fmax
Frequency
5.0
145
210
125
MHz
3-3
tPLH
Propagation Delay
CDn or SDn to Qn or Qn
5.0
3.0
5.5
9.5
2.5
10.5
ns
3-6
tPLH
CDn or SDn to Qn or Qn
5.0
3.0
5.5
9.5
2.5
10.5
ns
3-6
tPHL
Propagation Delay
CDn or SDn to Qn or Qn
5.0
3.0
6.0
10.0
3.0
11.5
ns
3-6
tPHL
CDn or SDn to Qn or Qn
5.0
3.0
6.0
10.0
3.0
11.5
ns
3-6
tPLH
Propagation Delay
CPn to Qn or Qn
5.0
4.0
7.5
11.0
4.0
13.0
ns
3-6
tPLH
CPn to Qn or Qn
5.0
4.0
7.5
11.0
4.0
13.0
ns
3-6
tPHL
Propagation Delay
CPn to Qn or Qn
5.0
3.5
6.0
10.0
3.0
11.5
ns
3-6
tPHL
CPn to Qn or Qn
5.0
3.5
6.0
10.0
3.0
11.5
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Set-up Time, HIGH or LOW
5.0
1.0
3.0
3.5
ns
3-9
ts
Dn to CPn
5.0
1.0
3.0
3.5
ns
3-9
th
Hold Time, HIGH or LOW
5.0
–0.5
1.0
1.0
ns
3-9
th
Dn to CPn
5.0
–0.5
1.0
1.0
ns
3-9
tw
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
3-6
tw
Pulse Width
5.0
3.0
5.0
6.0
ns
3-6
trec
Recovery TIme
5.0
–2.5
0
0
ns
3-9
trec
CDn or SDn to CP
5.0
–2.5
0
0
ns
3-9
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
35
pF
VCC = 5.0 V


Similar Part No. - MC74ACT74D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT74D ONSEMI-MC74ACT74D Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74ACT74DG ONSEMI-MC74ACT74DG Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74ACT74DG ONSEMI-MC74ACT74DG Datasheet
102Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
January, 2015 ??Rev. 8
MC74ACT74DR2 ONSEMI-MC74ACT74DR2 Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
MC74ACT74DR2G ONSEMI-MC74ACT74DR2G Datasheet
157Kb / 12P
   Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
October, 2006 ??Rev. 7
More results

Similar Description - MC74ACT74D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74LVC2G80 TI1-SN74LVC2G80_16 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com