Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145443B Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC145443B
Description  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145443B Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC145443B Datasheet HTML 4Page - Motorola, Inc MC145443B Datasheet HTML 5Page - Motorola, Inc MC145443B Datasheet HTML 6Page - Motorola, Inc MC145443B Datasheet HTML 7Page - Motorola, Inc MC145443B Datasheet HTML 8Page - Motorola, Inc MC145443B Datasheet HTML 9Page - Motorola, Inc MC145443B Datasheet HTML 10Page - Motorola, Inc MC145443B Datasheet HTML 11Page - Motorola, Inc MC145443B Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC145442B
•MC145443B
MOTOROLA
9
HYBRID
ac
AMP
AUTO–NULLED
COMPARATOR
6 ms
RETRIGGERABLE
ONE–SHOT
3
CD
4
CDT
SAMPLING
CLOCK
THRESHOLD
CONTROL
VCDA ≈ 1.2 V
7
16
RxA1
CDA
CCDA
0.1
µF
CCDT
0.1
µF
Vref
VDD
Figure 5. Carrier Detect Circuit
MODULATOR
OUTPUT
R0 = Rf
R0
Rf
Ri
VAG
19
ExI
18
DSI
1
TxA
17
+
RDSI
Figure 6. Line Driver Using the DSI Input


Similar Part No. - MC145443B

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BDW LANSDALE-MC145443BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
MC145443BP LANSDALE-MC145443BP Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BP LANSDALE-MC145443BP Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
More results

Similar Description - MC145443B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442 MOTOROLA-MC145442 Datasheet
227Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com