Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2191U5-6V Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 2191U5-6V
Description  Non-Relampable LED Solid-State Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

2191U5-6V Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  2191U5-6V Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
2191U Series Non-Relampable LED Solid-State Indicator Lights
Solid-state indicator lights complete with built-in current-limiting
resistor and rectifier diode.
Mounting: Ø.310 MIN., supplied with push-on speednut SN1287.
Wire Leads: No.22 AWG (105°C) 4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate
Anode(+): Red lead
Bezel: Polished stainless steel. For black finish add "X" after the
series letter(s).
Housing: White Nylon
* Also incorporates 1N4004
(400 P.I.V.) rectifier diode.
Y ellow
Green
Red
Lens C olor
4304H7
4304H5
4304H1
Incorporates LE D*
To use 24V model: Beyond 32VAC add 30 ohms
per volt; beyond 24 VDC add 50 ohms per volt.
Use 1/2W resistor up to 50V; 1W resistor for 50V
to 70V; 2W resistor for 75V to 125V. Do not use
beyond 125V.
All dimensions
in inches.
390
2191U 7-12V
2191U 5-12V
2191U 1-12V
(12V )
Model No.
150
2191U 7-6V
2191U 5-6V
2191U 1-6V
(6V )
Model No.
(ohms )
Internal R esistor
Yellow
Green
Red
Lens C olor
LE D S olid S tate Indicator
1000
2191U 7-24V
2191U 5-24V
2191U 1-24V
(24V )
Model No.
22 to 32
10 to 20
5to 11
VAC
24V
12V
6V
Nominal
Voltage T able
12 to 24
6to 13.5
3.5 to 6.5
VDC
1.310
Ø.310 MAX .
.380
.090
.280
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 2191U5-6V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2191U5-6V VCC-2191U5-6V Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
More results

Similar Description - 2191U5-6V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2191L VCC-2191L Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
logo
Chicago Miniature Lamp,...
2191L CML-2191L Datasheet
221Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191QU CML-2191QU Datasheet
220Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191QL CML-2191QL Datasheet
220Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
logo
Visual Communications C...
2191QL VCC-2191QL Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191QU VCC-2191QU Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
2191U VCC-2191U Datasheet
65Kb / 1P
   Non-Relampable LED Solid-State Indicator Lights
1091M VCC-1091M Datasheet
73Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Chicago Miniature Lamp,...
1091M CML-1091M Datasheet
222Kb / 1P
   Non-Relampable LED Indicator Lights
logo
Visual Communications C...
1091QM VCC-1091QM Datasheet
67Kb / 1P
   Non-Relampable LED Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com