Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145482DW Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145482DW
Description  5V 13-BIT LINEAR PCM CODEC-FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145482DW Datasheet(HTML) 4 Page - Motorola, Inc

  MC145482DW Datasheet HTML 1Page - Motorola, Inc MC145482DW Datasheet HTML 2Page - Motorola, Inc MC145482DW Datasheet HTML 3Page - Motorola, Inc MC145482DW Datasheet HTML 4Page - Motorola, Inc MC145482DW Datasheet HTML 5Page - Motorola, Inc MC145482DW Datasheet HTML 6Page - Motorola, Inc MC145482DW Datasheet HTML 7Page - Motorola, Inc MC145482DW Datasheet HTML 8Page - Motorola, Inc MC145482DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MC145482
MOTOROLA
4
connected to the VAG voltage. This minimizes transients at
the RO– pin when full–channel operation is resumed by
clocking the FSR pin. This pin is high impedance when the
device is in the powered–down mode.
PI
Power Amplifier Input (Pin 3)
This is the inverting input to the PO– amplifier. The non–
inverting input to the PO– amplifier is internally tied to the
VAG pin. The PI and PO– pins are used with external resis-
tors in an inverting op amp gain circuit to set the gain of the
PO+ and PO– push–pull power amplifier outputs. Connect-
ing PI to VDD will power down the power driver amplifiers and
the PO+ and PO– outputs will be high impedance.
PO–
Power Amplifier Output (Inverting) (Pin 4)
This is the inverting power amplifier output, which is used
to provide a feedback signal to the PI pin to set the gain of
the push–pull power amplifier outputs. This pin is capable of
driving a 300
Ω load to PO+. The PO+ and PO– outputs are
differential (push–pull) and capable of driving a 300
Ω load to
3.15 V peak, which is 6.3 V peak–to–peak. The bias voltage
and signal reference of this output is the VAG pin. The VAG
pin cannot source or sink as much current as this pin, and
therefore low impedance loads must be between PO+ and
PO–. The PO+ and PO– differential drivers are also capable
of driving a 100
Ω resistive load or a 100 nF Piezoelectric
transducer in series with a 20
Ω resister with a smalll in-
crease in distortion. These drivers may be used to drive re-
sistive loads of
≥ 32 Ω when the gain of PO– is set to 1/4 or
less. Connecting PI to VDD will power down the power driver
amplifiers, and the PO+ and PO– outputs will be high imped-
ance. This pin is also high impedance when the device is
powered down by the PDI pin.
PO+
Power Amplifier Output (Non–Inverting) (Pin 5)
This is the non–inverting power amplifier output, which is
an inverted version of the signal at PO–. This pin is capable
of driving a 300
Ω load to PO–. Connecting PI to VDD will
power down the power driver amplifiers and the PO+ and
PO– outputs will be high impedance. This pin is also high im-
pedance when the device is powered down by the PDI pin.
See PI and PO– for more information.
DIGITAL INTERFACE
MCLK
Master Clock (Pin 11)
This is the master clock input pin. The clock signal applied
to this pin is used to generate the internal 256 kHz clock and
sequencing signals for the switched–capacitor filters, ADC,
and DAC. The internal prescaler logic compares the clock on
this pin to the clock at FST (8 kHz) and will automatically
accept 256, 512, 1536, 1544, 2048, 2560, or 4096 kHz. For
MCLK frequencies of 256 and 512 kHz, MCLK must be syn-
chronous and approximately rising edge aligned to FST. For
optimum performance at frequencies of 1.536 MHz and
higher, MCLK should be synchronous and approximately ris-
ing edge aligned to the rising edge of FST. In many ap-
plications, MCLK may be tied to the BCLKT pin.
FST
Frame Sync, Transmit (Pin 14)
This pin accepts an 8 kHz clock that synchronizes the out-
put of the serial PCM data at the DT pin. This input is com-
patible with both Long Frame Sync and Short Frame Sync. If
both FST and FSR are held low for several 8 kHz frames, the
device will power down. FST must be clocking for the device
to power up affter being powered down by the frame syncs.
BCLKT
Bit Clock, Transmit (Pin 12)
This pin controls the transfer rate of transmit PCM data. In
the synchronous modes of sign–bit extended and receive
gain adjust, the BCLKT also controls the transfer rate of the
receive PCM data. This pin can accept any bit clock frequen-
cy from 256 to 4096 kHz for Long Frame Sync and Short
Frame Sync timing.
DT
Data, Transmit (Pin 13)
This pin is controlled by FST and BCLKT and is high im-
pedance except when outputting PCM data. This pin is high
impedance when the device is in the powered–down mode.
FSR
Frame Sync, Receive (Pin 7)
This pin accepts an 8 kHz clock, which synchronizes the
input of the serial PCM data at the DR pin. FSR can be
asynchronous to FST in the Long Frame Sync or Short
Frame Sync modes.
BCLKR
Bit Clock, Receive (Pin 9)
This pin accepts any bit clock frequency from 256 to 4096
kHz. The BCLKR pin is also used as a mode select pin when
not being clocked for several 8 kHz frames. The BCKLT pin
is used to clock the receive PCM data transfers when the
BCLKR pin is not being clocked. When the BCLKR pinis a
logic 0, the sign–bit extended synchronous mode is selected,
which uses 16–bit transfers with the first four bits being the
sign bit. When the BCLKR pin is a logic 1, the receive gain
adjust synchronous mode is selected, which uses a 13–bit
transfer for the transmit PCM data, but uses a 16–bit transfer
for the receive side, with the 13–bit voice data being first, fol-
lowed by three bits which control the attenuation of the re-
ceive analog output.
DR
Data, Receive (Pin 8)
This pin is the PCM data input. See the pin descriptions for
FSR, BCLKR, and BCKLT for more information.


Similar Part No. - MC145482DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480DW MOTOROLA-MC145480DW Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480P MOTOROLA-MC145480P Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480VF MOTOROLA-MC145480VF Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results

Similar Description - MC145482DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com