Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK1-L-H-4.5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # TK1-L-H-4.5V
Description  ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TK1-L-H-4.5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  TK1-L-H-4.5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TK1-L-H-4.5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TK1-L-H-4.5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TK1-L-H-4.5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TK1-L-H-4.5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
173
TK-RELAYS
ULTRA LOW PROFILE 2 AMP.
POLARIZED RELAY
TESTING
mm inch
9.0
.354
10.6
.417
4.0
.157
FEATURES
• Low profile 4 mm .157 inch height
• High contact capacity: 2 A
• Surge withstand voltage between contact and coil: 2,500 V
(Bellcore rating)
SPECIFICATIONS
Contact
Note:
f1This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the ac-
tual load.
Characteristics
Arrangement
1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Contact material
Gold-clad silver alloy
Rating
Nominal switching capacity
(resistive load)
2 A 30 V DC
Max. Switching power
(resistive load)
60 W
Max. switching voltage
220 V DC
Max. switching current
2 A
Min. switching capacity f1
10
µA 10 mV DC
Nominal
operating
power
Single side stable
140 mW (1.5 to 12 V DC)
270 mW (24 V DC)
1 coil latching
100 mW (1.5 to 12 V DC)
150 mW (24 V DC)
2 coil latching
200 mW (1.5 to 9 V DC)
250 mW (12 V DC)
400 mW (24 V DC)
Expected
life (min.
operations)
Mechanical (at 180 cpm)
108 (Single side stable)
5
×107 (1 or 2 coil latching)
Electrical
(at 20 cpm)
2 A 30 V DC
resistive
105
Initial insulation resistance*1
Min. 1,000 M
Ω (at 500 V DC)
Initial
breakdown
voltage
Between open
contacts
750 Vrms for 1 min.
(Detection current: 10 mA)
Between contact and
coil
1,500 Vrms for 1 min.
(Detection current: 10 mA)
FCC surge voltage between open
contacts (10
×160 µs)
1,500 V
Surge voltage between contacts
and coil (2
×10 µs) [Bellcore]
2,500 V
Temperature rise*2 (at 20
°C)
Max. 50
°C
Operate time [Set time]*3 (at 20
°C)
Max. 3 ms (Approx. 1.5 ms)
[Max. 3 ms (Approx. 1 ms)]
Release time [Reset time]*4
(at 20
°C)
Max. 2 ms (Approx. 1 ms)
[Max. 3 ms (Approx. 1 ms)]
Shock resistance
Functional*5
Min. 750 m/s2 {75 G}
Destructive*6
Min. 1,000 m/s2 {100 G}
Vibration
resistance
Functional*7
196 m/s2 {20G}, 10 to 55 Hz at
double amplitude of 3.3 mm
Destructive
294 m/s2 {30G}, 10 to 55 Hz at
double amplitude of 5 mm
Conditions for
operation, trans-
port and storage*8
(Not freezing and
condensing at low
temperature)
Ambient
temperature*9
–40
°C to +85°C
–40
°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 1 g .035 oz.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section.
*2 By resistive method, nominal voltage applied to the coil; contact carrying current:
2 A.
*3 Nominal voltage applied to the coil, excluding contact bounce time.
*4 Nominal voltage applied to the coil, excluding contact bounce time without diode.
*5 Half-wave pulse of sine wave: 6 ms; detection time: 10
µs.
*6 Half-wave pulse of sine wave: 6 ms.
*7 Detection time: 10
µs.
*8 Refer to 4. Conditions for operation, transport and storage mentioned in Cautions
for use (Page 178).
*9 The maximum ambient temperature allows for coil temperature rise at maximum
allowable coil voltage.
As for the applicable range of continuous carrying current against temperature,
please refer to "Maximum value of continuous carrying current" chart. (Page 175)
ORDERING INFORMATION
EX. TK
Contact arrangement
Terminal shape
1: 1 Form C
Nil: Standard PC board terminal
Nil: Single side stable
1.5, 3, 4.5, 5, 6,
9, 12, 24V
L: 1 coil latching
L2: 2 coil latching
H: Self-clinching terminal
Operating function
Coil voltage (DC)
L2
H
12V
1


Similar Part No. - TK1-L-H-4.5V

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TK1-001A-BDC MAGNETROL-TK1-001A-BDC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
TK1-001N-BRC MAGNETROL-TK1-001N-BRC Datasheet
233Kb / 12P
   Side Mounted Liquid Level Float Switch
TK1-001N-BRJ MAGNETROL-TK1-001N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
TK1-002N-BRJ MAGNETROL-TK1-002N-BRJ Datasheet
133Kb / 4P
   Model TK1 Side-Mounted Float Level Switch
More results

Similar Description - TK1-L-H-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
S-2L2-48V PANASONIC-S-2L2-48V Datasheet
477Kb / 5P
   4 AMP POLARIZED HIGH DENSITY RELAY
logo
Nais(Matsushita Electri...
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
GQ-RELAYS NAIS-GQ-RELAYS Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGN200A1HZ NAIS-AGN200A1HZ Datasheet
105Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Fujitsu Component Limit...
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com