Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14530BCP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14530BCP
Description  DUAL 5-INPUT MAJORITY LOGIC GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14530BCP Datasheet(HTML) 4 Page - Motorola, Inc

  MC14530BCP Datasheet HTML 1Page - Motorola, Inc MC14530BCP Datasheet HTML 2Page - Motorola, Inc MC14530BCP Datasheet HTML 3Page - Motorola, Inc MC14530BCP Datasheet HTML 4Page - Motorola, Inc MC14530BCP Datasheet HTML 5Page - Motorola, Inc MC14530BCP Datasheet HTML 6Page - Motorola, Inc MC14530BCP Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14530B
4
SEQUENTIAL LOGIC APPLICATIONS
COINCIDENT FLIP–FLOP
ASTABLE MULTIVIBRATOR
COINCIDENT FLIP–FLOP
x
y
Qn+1
0
0
0
0
1
Q
0
0
Q
1
1
1
A flip–flop that will change only when both inputs agree.
x
y
Qn+1
0
0
1
0
1
2
τ
1
0
2
τ
1
1
1
A flip–flop with three output conditions, where the third state is
in oscillation between “1” and “0”. The period of oscillation is
twice the delay of the gate and the feedback element.
tx
y
z
Qn+1
0
0
0
0
0
0
1
Qn
0
1
0
Qn
0
1
1
Qn
1
0
0
Qn
1
0
1
Qn
1
1
0
Qn
1
1
1
1
The flip–flop changes state only when all “1’s” or all “0’s” are
entered. This configuration may be extended by cascading M5
gates to cover n–inputs where all inputs must be “1’s” or “0’s”
before the output will change. As an example, this configura-
tion is useful for controlling an n–stage up/down counter that is
to cycle from a minimum to maximum count and back again
without flipping over (from all “1’s” to all “0’s”.)
Z
0
W
Z
Z
A
B
C
D
E
1
1
x
y
t
0
W
A
B
C
D
E
0
1
x
y
x
W
A
B
C
D
E
1
y
z


Similar Part No. - MC14530BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
MC14531B MOTOROLA-MC14531B Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BCL MOTOROLA-MC14531BCL Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BCP MOTOROLA-MC14531BCP Datasheet
175Kb / 5P
   12-BIT PARITY TREE
MC14531BD MOTOROLA-MC14531BD Datasheet
175Kb / 5P
   12-BIT PARITY TREE
More results

Similar Description - MC14530BCP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
   Dual 5-input NOR gate
1988 Nov 29
logo
Motorola, Inc
SN54LS260 MOTOROLA-SN54LS260 Datasheet
119Kb / 4P
   DUAL 5-INPUT NOR GATE
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
   Dual 5-Input NOR Gate
54LS26 NSC-54LS26 Datasheet
52Kb / 2P
   Dual 5-Input NOR Gate
logo
List of Unclassifed Man...
T74LS260B1 ETC-T74LS260B1 Datasheet
106Kb / 3P
   DUAL 5 INPUT NOR GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Torex Semiconductor
XC74WL02AASR TOREX-XC74WL02AASR Datasheet
129Kb / 3P
   CMOS Logic Dual 2-input NOR Gate
logo
Texas Instruments
SN74F260 TI-SN74F260 Datasheet
44Kb / 3P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
[Old version datasheet]   DUAL 5-INPUT POSITIVE-NOR GATE
logo
Torex Semiconductor
XC74WL86AASR TOREX-XC74WL86AASR Datasheet
146Kb / 3P
   CMOS Logic Dual 2-input Exclusive OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com