Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHG5102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHG5102
Description  High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHG5102 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHG5102 Datasheet HTML 1Page - Vishay Siliconix TLHG5102 Datasheet HTML 2Page - Vishay Siliconix TLHG5102 Datasheet HTML 3Page - Vishay Siliconix TLHG5102 Datasheet HTML 4Page - Vishay Siliconix TLHG5102 Datasheet HTML 5Page - Vishay Siliconix TLHG5102 Datasheet HTML 6Page - Vishay Siliconix TLHG5102 Datasheet HTML 7Page - Vishay Siliconix TLHG5102 Datasheet HTML 8Page - Vishay Siliconix TLHG5102 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VISHAY
TLHE / G / K / P510.
Document Number 83010
Rev. 1.9, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e2 Pb
Pb-free
19223
High Intensity LED,
∅ 5 mm Untinted Non-Diffused
Description
The TLH.51.. series is a clear, non diffused 5 mm LED
for outdoor application.
These clear lamps utilize the highly developed tech-
nologies like AlInGaP and GaP.
The lens and the viewing angle is optimized to
achieve best performance of light output and visibility.
The subtypes TLH.5101 and TLH.5102 with their very
stable light output are especially recommended for
applications where a homogeneous appearance is
required.
Features
• Untinted non diffused lens
• Choice of four colors
• TLH.5101 and TLH.5102 with reduced light
matching factor
• TLH.5100 for cost effective design
• Medium viewing angle
• Lead-free device
Applications
Outdoor LED panels
Central high mounted stop lights (CHMSL) for motor
vehicles
Instrumentation and front panel indicators
Light guide design
Traffic signals
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLHK51.. , TLHE51.. , TLHG51.. , TLHP51..
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLHK5100
Red, IV > 320 mcd
9 °
AllnGaP on GaAs
TLHE5100
Yellow, IV > 750 mcd
9 °
AllnGaP on GaAs
TLHG5100
Green, IV > 240 mcd
9 °
GaP on GaP
TLHG5101
Green, IV > 240 mcd
9 °
GaP on GaP
TLHG5102
Green, IV > 240 mcd
9 °
GaP on GaP
TLHP5100
Pure green, IV > 66 mcd
9 °
GaP on GaP
TLHP5101
Pure green, IV > 66 mcd
9 °
GaP on GaP
TLHP5102
Pure green, IV > 66 mcd
9 °
GaP on GaP
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC Forward current
Tamb ≤ 65 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
1A
Power dissipation
Tamb ≤ 65 °C
PV
100
mW
Junction temperature
Tj
100
°C


Similar Part No. - TLHG5102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHG520 VISHAY-TLHG520 Datasheet
190Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Rev. 1.6, 03-Jun-09
TLHG520 VISHAY-TLHG520 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Non-Diffused Package
01-Jan-2022
TLHG5200 VISHAY-TLHG5200 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG5200 VISHAY-TLHG5200 Datasheet
190Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Non-Diffused Package
Rev. 1.6, 03-Jun-09
TLHG5201 VISHAY-TLHG5201 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
More results

Similar Description - TLHG5102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK51 VISHAY-TLHK51 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCR5200 VISHAY-TLCR5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com