Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4-L2-DC24V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # SP4-L2-DC24V
Description  15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SP4-L2-DC24V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  SP4-L2-DC24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SP4-L2-DC24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SP4-L2-DC24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SP4-L2-DC24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SP4-L2-DC24V Datasheet HTML 5Page - Nais(Matsushita Electric Works) SP4-L2-DC24V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
252
SP-RELAYS
15A (2C), 10A (4C) COMPACT
POWER RELAYS WITH HIGH
SENSITIVITY
22
.866
a
50
1.969
mm inch
a
2C
25.6 1.008
4C
36.8 1.449
FEATURES
• High Vibration/Shock Resistance
Vibration resistance: 18 G, amplitude 3 mm (10 to 55 Hz)
Shock resistance: 40 G (11 ms)
• Latching types available
• High Sensitivity in Small Size 150 mW pick-up, 300 mW
nominal operating power
• Wide Switching Range
From 1 mA to 15 A (2C) and 10 A (4C)
SPECIFICATIONS
Contacts
Coil (polarized) at 20
°C 68°F
Characteristics (at 25
°C 77°F 50% Relative humidity)
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10 mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Arrangement
2 Form C, 4 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
30 m
Initial contact pressure
2C: Approx. 0.392 N (40 g 1.41 oz )
4C: Approx. 0.196 N (20 g 0.71 oz )
Contact material
Stationary contact:
Gold flashed silver alloy
Movable contact: Silver alloy
Rating
(resistive
load)
Nominal switching
capacity
2C: 15 A 250 V AC
10 A 30 V DC
4C: 10 A 250 V AC
10 A 30 V DC
Max. switching power
2C: 3,750 VA, 300 W
4C: 2,500 VA, 300 W
Max. switching voltage
2C, 4C: 250 V AC, 30 V DC
Max. switching current
2C: 15 A (AC) 10 A (DC), 4C: 10 A
Expected
life (min.
operations)
Mechanical (at 180 cpm)
5
× 107
Electrical
(at 20 cpm)
(resistive
load)
2C
15 A 250 V AC
105
10 A 30 V DC
105
4C
10 A 250 V AC
105
10 A 30 V DC
105
Single side stable
Nominal operating power
300 mW
Latching
Minimum set and reset power
150 mW
Nominal set and reset power
300 mW
Max. operating speed (at rated load)
20 cpm
Initial insulation resistance*1
1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
1,500 Vrms
Between contact sets
3,000 Vrms
Between contact and coil
3,000 Vrms
Operate time*3(at nominal voltage)
Max. 30 ms (Approx. 25 ms)
Release time(without diode)*3
(at nominal voltage)
Max. 20 ms (Approx. 15 ms)
Temperature rise
(at nominal voltage)
Max. 40
°C with nominal coil voltage
and at nominal switching capacity
Shock resistance
Functional*4
Min. 392 m/s2 {40 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*6
176.4 m/s2 {18 G}, 10 to 55 Hz
at double amplitude of 3 mm
Destructive
176.4 m/s2 {18 G}, 10 to 55 Hz
at double amplitude of 3 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–50
°C to +60°C
–58
°F to +140°F
Humidity
5 to 85% R.H.
Unit weight
2C: 50 g 1.76 oz ; 4C: 65 g 2.29 oz
TYPICAL APPLICATIONS
NC machines, remote control panels,
sophisticated business equipment.
ORDERING INFORMATION
Contact arrangement
Operating function
Coil voltage
2: 2 Form C
4: 4 Form C
Nil: Single side stable
L2: 2 coil latching
DC 3, 5, 6, 12,
24, 48 V
2
L2
DC24V
SP
Ex.
(Notes) 1. PC board terminal types available as option. Please consult us for details.
2. 2 Form C: Carton: 20 pcs., Case: 200 pcs.
4 Form C: Carton: 10 pcs., Case: 100 pcs.
3. UL/CSA, TÜV approved type is standard.


Similar Part No. - SP4-L2-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP4-L2-DC24V PANASONIC-SP4-L2-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
SP4-L2-DC24V PANASONIC-SP4-L2-DC24V Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP4-L2-DC24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com