Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC14MEL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74AC14MEL
Description  Hex Inverter Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC14MEL Datasheet(HTML) 1 Page - ON Semiconductor

  MC74AC14MEL Datasheet HTML 1Page - ON Semiconductor MC74AC14MEL Datasheet HTML 2Page - ON Semiconductor MC74AC14MEL Datasheet HTML 3Page - ON Semiconductor MC74AC14MEL Datasheet HTML 4Page - ON Semiconductor MC74AC14MEL Datasheet HTML 5Page - ON Semiconductor MC74AC14MEL Datasheet HTML 6Page - ON Semiconductor MC74AC14MEL Datasheet HTML 7Page - ON Semiconductor MC74AC14MEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
May, 2001 – Rev. 5
1
Publication Order Number:
MC74AC14/D
MC74AC14, MC74ACT14
Hex Inverter Schmitt
Trigger
The MC74AC14/74ACT14 contains six logic inverters which
accept standard CMOS Input signals (TTL levels for MC74ACT14)
and provide standard CMOS output levels. They are capable of
transforming slowly changing input signals into sharply defined,
jitter–free output signals. In addition, they have a greater noise
margin then conventional inverters.
The MC74AC14/74ACT14 has hysteresis between the
positive–going and negative–going input thresholds (typically 1.0 V)
which is determined internally by transistor ratios and is essentially
insensitive to temperature and supply voltage variations.
Schmitt Trigger Inputs
Outputs Source/Sink 24 mA
′ACT14 Has TTL Compatible Inputs
13
14
12
11
10
9
8
2
1
34567
GND
VCC
Figure 1. Pinout; 14–Lead Packages Conductors
(Top View)
FUNCTION TABLE
Input
Output
A
O
L
H
H
L
TSSOP–14
DT SUFFIX
CASE 948G
1
14
EIAJ–14
M SUFFIX
CASE 965
1
14
SO–14
D SUFFIX
CASE 751A
http://onsemi.com
1
14
1
14
PDIP–14
N SUFFIX
CASE 646
Device
Package
Shipping
ORDERING INFORMATION
MC74AC14DT
TSSOP–14
96 Units/Rail
MC74AC14DTR2
TSSOP–14 2500 Tape & Reel
MC74ACT14DT
TSSOP–14
96 Units/Rail
MC74ACT14DTR2
TSSOP–14 2500 Tape & Reel
MC74AC14N
PDIP–14
25 Units/Rail
MC74AC14D
SOIC–14
55 Units/Rail
MC74ACT14N
PDIP–14
25 Units/Rail
MC74AC14DR2
SOIC–14
2500 Tape & Reel
MC74ACT14D
SOIC–14
55 Units/Rail
MC74ACT14DR2
SOIC–14
2500 Tape & Reel
MC74AC14M
EIAJ–14
50 Units/Rail
MC74AC14MEL
EIAJ–14
2000 Tape & Reel
MC74ACT14M
EIAJ–14
50 Units/Rail
MC74ACT14MEL
EIAJ–14
2000 Tape & Reel
See general marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC74AC14MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC14MEL ONSEMI-MC74AC14MEL Datasheet
144Kb / 9P
   Hex Inverter Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC14MELG ONSEMI-MC74AC14MELG Datasheet
144Kb / 9P
   Hex Inverter Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC74AC14MEL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com