Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C661X2FA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P83C661X2FA
Description  80C51 8-bit microcontroller family
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C661X2FA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P83C661X2FA Datasheet HTML 3Page - NXP Semiconductors P83C661X2FA Datasheet HTML 4Page - NXP Semiconductors P83C661X2FA Datasheet HTML 5Page - NXP Semiconductors P83C661X2FA Datasheet HTML 6Page - NXP Semiconductors P83C661X2FA Datasheet HTML 7Page - NXP Semiconductors P83C661X2FA Datasheet HTML 8Page - NXP Semiconductors P83C661X2FA Datasheet HTML 9Page - NXP Semiconductors P83C661X2FA Datasheet HTML 10Page - NXP Semiconductors P83C661X2FA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
Philips Semiconductors
Product data
P8xC660X2/661X2
80C51 8-bit microcontroller family 16 KB OTP/ROM, 512B
RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33
MHz), two 400KB I2C interfaces
2003 Oct 02
7
PIN DESCRIPTIONS
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
MNEMONIC
PLCC
LQFP
TYPE
NAME AND FUNCTION
VSS1
22
16
I
Ground: 0 V reference.
VSS2
34
28
I
Ground: Additional ground pin (may be left open).
VSS3
12
6
I
Ground: Additional ground pin (may be left open).
VCC
44
38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down
operation.
P0.0–0.72
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during accesses to external program
and data memory. In this application, it uses strong internal pull-ups when emitting 1s.
P1.0–P1.72
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups on all pins.
Port 1 pins that have 1s written to them are pulled HIGH by the internal pull-ups and
can be used as inputs. As inputs, port 1 pins that are externally pulled LOW will
source current because of the internal pull-ups. (See DC Electrical Characteristics:
IIL).
Alternate functions for P8xC660X2/661X2 Port 1 include:
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout (see Programmable
Clock-Out)
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction Control
4
42
I
ECI (P1.2): External Clock Input to the PCA
5
43
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
6
44
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
7
1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
8
2
I/O
SCL (P1.6): I2C bus clock line (open drain)
9
3
I/O
SCL (P1.7): I2C bus data line (open drain)
P2.0–P2.72
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that
have 1s written to them are pulled HIGH by the internal pull-ups and can be used
as inputs. As inputs, port 2 pins that are externally being pulled LOW will source
current because of the internal pull-ups. (See DC Electrical Characteristics: IIL).
Port 2 emits the high-order address byte during fetches from external program
memory and during accesses to external data memory that use 16-bit addresses
(MOVX @DPTR). In this application, it uses strong internal pull-ups when emitting
1s. During accesses to external data memory that use 8-bit addresses (MOV @Ri),
port 2 emits the contents of the P2 special function register.
P3.0–P3.72
11,
13–19
5, 7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that
have 1s written to them are pulled HIGH by the internal pull-ups and can be used
as inputs. As inputs, port 3 pins that are externally being pulled LOW will source
current because of the pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also
serves the special features of the P8xC660X2/661X2, as listed below:
11
5
I
RxD (P3.0): Serial input port
13
7
O
TxD (P3.1): Serial output port
14
8
I
INT0 (P3.2): External interrupt 0
15
9
I
INT1 (P3.3): External interrupt 1
16
10
I
CEX3/T0 (P3.4): Timer 0 external input; capture/compare external I/O for PCA
module 3
17
11
I
CEX4/T1 (P3.5): Timer 1 external input; capture/compare external I/O for PCA
module 4
18
12
O
WR (P3.6): External data memory write strobe
19
13
O
RD (P3.7): External data memory read strobe
RST2
10
4
I
Reset: A HIGH on this pin for two machine cycles while the oscillator is running,
resets the device. An internal resistor to VSS permits a power-on reset using only
an external capacitor to VCC.
SCL1
23
17
I/O
Second I2C bus clock line (open drain) (P8xC661X2)
SDA1
1
39
I/O
Second I2C bus data line (open drain) (P8xC661X2)


Similar Part No. - P83C661X2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C661X2FA NXP-P83C661X2FA Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
More results

Similar Description - P83C661X2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com