Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16646ADL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVT16646ADL
Description  3.3V ABT 16-bit bus transceiver 3-State
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16646ADL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT16646ADL Datasheet HTML 6Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 7Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 8Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 9Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 10Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 11Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 12Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 13Page - NXP Semiconductors 74LVT16646ADL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
9397 750 14326
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2005
10 of 21
Philips Semiconductors
74LVT16646A
3.3 V 16-bit bus transceiver; 3-state
10. Static characteristics
Table 7:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIK
input clamp voltage
VCC = 2.7 V; IIK = −18 mA
-
−0.85
−1.2
V
VOH
HIGH-level output
voltage
VCC = 2.7 V to 3.6 V;
IOH = 100 µA
VCC − 0.2
VCC
-V
VCC = 2.7 V; IOH = −8 mA
2.4
2.5
-
V
VCC = 3.0 V; IOH = −32 mA
2.0
2.3
-
V
VOL
LOW-level output
voltage
VCC = 2.7 V
IOL = 100 µA
-
0.07
0.2
V
IOL = 24 mA
-
0.03
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
VRST
power-up LOW output
voltage
VCC = 3.6 V; IO = 1 mA;
VI = GND or VCC
[2] -
-
0.55
V
ILI
input leakage current
of control pins
VCC = 3.6 V; VI = VCC or GND
-
0.1
±1
µA
VCC = 0 V or 3.6 V; VI = 5.5 V
-
0.1
10
µA
input leakage current
of I/O data pins
VCC = 3.6 V; VI = 5.5 V
[3] -
0.1
20
µA
VCC = 3.6 V; VI = VCC
[3] -
0.5
10
µA
VCC = 3.6 V; VI = 0 V
[3] -
+0.1
−5
µA
IOFF
output off current
VCC = 0 V;
VI or VO = 0 V to 4.5 V
-
0.1
±100
µA
IHOLD
bus hold current A or
B outputs
VCC = 3 V; VI = 0.8 V
[4] 75
130
-
µA
VCC = 3 V; VI = 2.0 V
[4]
−75
−140
-
µA
VCC = 0 V to 3.6 V; VI = 3.6 V
[4]
±500
-
-
µA
IEX
current into an output
in HIGH state when
VO > VCC
VO = 5.5 V; VCC = 3.0 V
-
50
125
µA
IPU, IPD
power-up and
power-down 3-state
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; pin nDIR and
nOE are don‘t care
[5] -35
±100
µA
ICC
quiescent supply
current
VCC = 3.6 V; IO = 0 A;
VI = GND or VCC
outputs HIGH
-
0.07
0.12
mA
outputs LOW
-
4.9
6
mA
outputs disabled
[6] -
0.07
0.12
mA


Similar Part No. - 74LVT16646ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16646ADL NEXPERIA-74LVT16646ADL Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
More results

Similar Description - 74LVT16646ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
Texas Instruments
SN74LVT162245A TI-SN74LVT162245A Datasheet
481Kb / 15P
[Old version datasheet]   3.3V ABT 16 BIT BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
logo
Maxwell Technologies
54LVTH245A MAXWELL-54LVTH245A Datasheet
188Kb / 9P
   3.3V ABT Octal Bus Transceiver with 3-State Output
logo
Texas Instruments
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Texas Instruments
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
   3.3V ABT 16-bit buffer/driver 3-State
July 1994
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com